Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-6212-CANopen Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-6212-CANopen
Description  6-Axes Stepper Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-6212-CANopen Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-6212-CANopen Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6212-CANopen Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6212-CANopen Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6212-CANopen Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6212-CANopen Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6212-CANopen Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6212-CANopen Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6212-CANopen Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6212-CANopen Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TMCM-6212, TMCM-6213 Hardware Manual (V0.99 / 2016-MAR-22)
7
Copyright © 2016, TRINAMIC Motion Control GmbH & Co. KG
4.2 Board mounting considerations
The TMCM-6212 / TMCM-6213 offer 12 metal plated mounting holes. One hole (lower right) is connected to on-
board system ground (connected to power supply input ground) via 1M (500VDC) || 1nF (1kV). The same
combination or resistor and capacitor is used for connecting the RJ45 shield ground (connector enclosure) to
power supply input ground (see figure 4.1).
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
1M
1nF
1M
1M
1nF
1nF
Figure 4.2 TMCM-6212 / TMCM-6213 mounting hole connections
All other mounting holes are electrically isolated. Please note that not all holes have to be used for mounting
the pcb. At least the mounting holes in all four corners and two in the middle (6 altogether) should be used to
ensure adequate support of the pcb when inserting / removing connectors in order to avoid significant bending
of the pcb.
In any case: please remove / attach mating connectors carefully – supporting the pcb if necessary!


Similar Part No. - TMCM-6212-CANopen

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
More results

Similar Description - TMCM-6212-CANopen

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3314 TRINAMIC-TMCM-3314 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-3312 TRINAMIC-TMCM-3312 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-3214 TRINAMIC-TMCM-3214 Datasheet
1Mb / 29P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3212 TRINAMIC-TMCM-3212 Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
logo
Bosch Sensortec GmbH
BMC056 BOSCH-BMC056 Datasheet
295Kb / 2P
   eCompass (6-axes digital compass)
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
   Stepper System Controller
logo
ELM Electronics
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
Lin Eng. Inc.
R356 LINENGINEERING-R356 Datasheet
1Mb / 5P
   STEPPER DRIVER CONTROLLER
R256 LINENGINEERING-R256 Datasheet
688Kb / 5P
   STEPPER DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com