Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-6213-CoE Datasheet(PDF) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-6213-CoE
Description  6-Axes Stepper Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-6213-CoE Datasheet(HTML) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCM-6213-CoE Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6213-CoE Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6213-CoE Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6213-CoE Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6213-CoE Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6213-CoE Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6213-CoE Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6213-CoE Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-6213-CoE Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TMCM-6212, TMCM-6213 Hardware Manual (V0.99 / 2016-MAR-22)
4
Copyright © 2016, TRINAMIC Motion Control GmbH & Co. KG
2 Features
The TMCM-6212 / TMCM-6213 is a six axes controller/driver module for 2-phase bipolar stepper motors with
separate encoder (differential) and HOME / STOP switch inputs for each axis. CAN, RS485 and USB (Micro-USB)
interfaces are available on the TMCM-6212 and EtherCAT™ together with USB (Micro-USB) on the TMCM-6213 for
communication. Furthermore the modules offer four analog / digital inputs and four digital outputs together with
a brake chopper unit (supporting an external brake resistor) for supply voltage limitation when energy is fed back
into the supply rail.
MAIN CHARACTERISTICS
Motion controller
Motion profile calculation in real-time (supporting linear and sixPoint™ ramps)
On the fly alteration of motor parameters (e.g. position, velocity, acceleration)
Dedicated HOME + STOP switch inputs (internal pull-ups)
High performance microcontroller for overall system control and communication protocol handling
Bipolar stepper motor driver
Up to 256 microsteps per full step
High-efficient operation, low power dissipation
Dynamic current control
Integrated protection
stealthChop™ for quiet operation and smooth motion
dcStep™ feature for load dependent speed control
stallGuard2™ feature for stall detection
coolStep™ feature for reduced power consumption and heat dissipation
Interfaces
TMCM-6212: CAN + RS485
TMCM-6213: EtherCAT™
USB full speed (12Mbit/s) device interface (Micro-USB)
Differential encoder input per motor axis (6x)
HOME, STOP_L, STOP_R switch inputs with internal pull-ups per motor axis (6x)
4 general purpose analog inputs (0..10V) or digital inputs (accept +24V signals)
4 general purpose digital outputs (open-drain)
Software
TMCL™ remote (direct mode) and standalone operation with memory for up to 1024 TMCL commands
TMCM-6212: CANopen firmware available
TMCM-6213: CoE (CANopen over EtherCAT™) firmware available
Electrical data
Supply voltage: nom. +12V and +24V with +10V … +35V supply voltage operating range
Motor current: up to 1.1A RMS (programmable)
Mechanical data
Board size: 215mm x 100mm, overall height 21mm max. (incl. pcb but, without mating connectors and cables)
12x M3 mounting holes (optional)
Please see separate TMCM-6212 / TMCM-6213 Software / Firmware documentation for additional information
regarding programming and communication protocol.


Similar Part No. - TMCM-6213-CoE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
More results

Similar Description - TMCM-6213-CoE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3314 TRINAMIC-TMCM-3314 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-3312 TRINAMIC-TMCM-3312 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-3214 TRINAMIC-TMCM-3214 Datasheet
1Mb / 29P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3212 TRINAMIC-TMCM-3212 Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
logo
Bosch Sensortec GmbH
BMC056 BOSCH-BMC056 Datasheet
295Kb / 2P
   eCompass (6-axes digital compass)
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
   Stepper System Controller
logo
ELM Electronics
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
Lin Eng. Inc.
R356 LINENGINEERING-R356 Datasheet
1Mb / 5P
   STEPPER DRIVER CONTROLLER
R256 LINENGINEERING-R256 Datasheet
688Kb / 5P
   STEPPER DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com