Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

156120SS82500 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 156120SS82500
Description  WL-SMRW SMD Mono-color Reverse mount Waterclear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

156120SS82500 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  156120SS82500 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 156120SS82500 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 156120SS82500 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 156120SS82500 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 156120SS82500 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 156120SS82500 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 156120SS82500 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dimensions: [mm]
3,2 ±0,1
1,62 ±0,1
0,6 typ.
0,6 typ.
Polarity Mark
(Cathode)
Polarity Mark
(Cathode)
1
2
Scale - 10:1
Recommended Land Pattern: [mm]
0,8
2,6
0,8
1
O
2,
4
1,5
2,0
1,5
2
normal
use
reverse
use
Scale - 10:1
Schematic:
-
1
+
2
Properties
Value
Unit
Power Dissipation
PDISS
48
mW
Peak Forward Current
IF Peak
40
mA
Continuous Forward Current
IF
20
mA
Reverse Current
IREV
100
µA
ESD Threshold/ Human Body
Model
VESD HBM
1000
V
Absolute Maximum Ratings (Ambient Temperature 25°C):
Chip Technology
AlInGaP
Emitting Color
Super Red
Lens Type
Dome
Optical Properties:
Operating Temperature
-40 °C up to +85 °C
Storage Temperature (in original
packaging)
-40 °C up to +85 °C; 60% RH max.
Moisture Sensitive Level
MSL
3
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PLD
DIN ISO 2768-1m
DESCRIPTION
WL-SMRW SMD Mono-color
Reverse mount Waterclear
ORDER CODE
156120SS82500
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
1206 dome
001.001
Valid
2016-11-23
eiPal
1/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 156120SS82500

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
156120SS82500 WURTH-156120SS82500 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120SS82500P WURTH-156120SS82500P Datasheet
891Kb / 8P
   WL-SMRW SMT Mono-color Reverse mount Waterclear
001.001
156120SS82500 WURTH-156120SS82500_17 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
More results

Similar Description - 156120SS82500

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
156120AS82500 WURTH-156120AS82500_17 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156125BS75000 WURTH-156125BS75000 Datasheet
684Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120RS82500 WURTH-156120RS82500 Datasheet
557Kb / 7P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120AS82500 WURTH-156120AS82500 Datasheet
557Kb / 7P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120BS75300 WURTH-156120BS75300_17 Datasheet
583Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120GS82500 WURTH-156120GS82500_17 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120YS82500 WURTH-156120YS82500_17 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120YS82500 WURTH-156120YS82500 Datasheet
557Kb / 7P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156125RS75000 WURTH-156125RS75000 Datasheet
684Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120RS82500 WURTH-156120RS82500_17 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120SS82500 WURTH-156120SS82500_17 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com