Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

177920511 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920511
Description  Current capability up to 0.2A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920511 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  177920511 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
WPMIx9200501S / 1779205x1
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
2/22
MARKING DESCRIPTION
PACKAGE
Marking
Description
WE
Würth Elektronik Tradename
YY
Year
WW
Calendar week
1779205XX
Ordering Code
AA
Input voltage
B
Output voltage
C
Isolation voltage
3
2
1
4
PIN DESCRIPTION
SYMBOL
Number
TYPE
DESCRIPTION
- VIN
1
Power
VIN ground
+ VIN
2
Power
Input voltage
-VOUT
3
Power
VOUT ground
+VOUT
4
Power
Output voltage
ORDERING INFORMATION
ORDER CODE
PART DESCRIPTION
SPECIFICATIONS
PACKAGE
PACKAGING UNIT
177920501
WPMIC9200501S
3.3VIN / 5VOUT version
SIP-4
Tube with 42 pieces
177920511
WPMIB9200501S
5VIN / 5VOUT version
SIP-4
Tube with 42 pieces
177920521
WPMIA9200501S
12VIN / 5VOUT version
SIP-4
Tube with 42 pieces
177920531
WPMID9200501S
24VIN / 5VOUT version
SIP-4
Tube with 42 pieces
SALES INFORMATION
SALES CONTACTS
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 7942 945 0
www.we-online.com
powermodules@we-online.com


Similar Part No. - 177920511

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Output voltage: 5V unregulated
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920511 WURTH-177920511 Datasheet
953Kb / 24P
   FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1779205111 WURTH-1779205111 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
More results

Similar Description - 177920511

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920501 WURTH-177920501 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920531 WURTH-177920531 Datasheet
1Mb / 22P
   Current capability up to 0.2A
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
   High peak current carrying capability up to 6000A
logo
Hongfa Technology
HFKM HONGFA-HFKM_17 Datasheet
62Kb / 4P
   Switching capability up to 20A
logo
Rohm
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com