Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173010578 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 173010578
Description  Continuous output power: 3.3W or 5W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

173010578 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 173010578 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
WPMDH1100xx1S / 173010x42
MagI3C Power Module
FDSM
– Fixed Step Down Regulator Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
© June 2016
7/24
TYPICAL PERFORMANCE CURVES
If not otherwise specified, the following conditions apply: TAMB = 25°C.
EMI MEASUREMENTS
0
10
20
30
40
50
60
70
30
100
1000
Frequency [MHz]
Radiated Emissions 173010342 (3m antenna distance)
VIN = 24V, VOUT = 3.3V,ILOAD = 1A without input filter
Horizontal
Vertical
EN55022 Class A limit
EN55022 Class B limit
0
10
20
30
40
50
60
70
30
100
1000
Frequency [MHz]
Radiated Emissions 173010342 (3m antenna distance)
VIN = 24V, VOUT = 3.3V, ILOAD = 1A with input filter 2x10µF, 22µH, 10µF
Horizontal
Vertical
EN55022 Class A limit
EN55022 Class B limit
0
10
20
30
40
50
60
70
0.15
1
10
Frequency [MHz]
Conducted Emissions 173010342
VIN = 24V, VOUT = 3.3V, ILOAD = 1A with input filter 2x10µF, 22µH, 10µF
Average Quasi peak
EN55022 Class B Quasi Peak limit
EN55022 Class B Average limit
80
-10
30
0.5
0.35


Similar Part No. - 173010578

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010578 WURTH-173010578 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010578 WURTH-173010578 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010578 WURTH-173010578 Datasheet
1Mb / 24P
   Pulse skipping for high efficiency at light loads
173010578 WURTH-173010578 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
173010578 WURTH-173010578 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
More results

Similar Description - 173010578

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-05M MPD-MPM-05M Datasheet
929Kb / 4P
   5W Output Power
logo
Shenzhen Huazhimei Semi...
HM9305B HMSEMI-HM9305B Datasheet
296Kb / 3P
   5W output power
logo
MicroPower Direct, LLC
MPM-05S MPD-MPM-05S Datasheet
398Kb / 2P
   5W Output Power
MPM-05SMM MPD-MPM-05SMM Datasheet
547Kb / 2P
   5W Output Power
MPM-05SV MPD-MPM-05SV Datasheet
827Kb / 4P
   5W Output Power
MPL-05SEUP MPD-MPL-05SEUP Datasheet
1Mb / 4P
   5W Output Power
logo
Mean Well Enterprises C...
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com