Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173010378 Datasheet(PDF) 10 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 173010378
Description  Continuous output power: 3.3W or 5W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

173010378 Datasheet(HTML) 10 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 173010378 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 13Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 14Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
WPMDH1100xx1S / 173010x42
MagI3C Power Module
FDSM
– Fixed Step Down Regulator Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
© June 2016
10/24
TYPICAL PERFORMANCE CURVES
If not otherwise specified, the following conditions apply: TAMB = 25°C.
EFFICIENCY
OUTPUT POWER DERATING
0
20
40
60
80
100
6
12
18
24
30
36
42
Input Voltage [V]
173010342 and 173010542 - IOUT = 1A
Vout = 3.3V
Vout = 5V
0,0
0,2
0,4
0,6
0,8
1,0
1,2
-40
-20
0
20
40
60
80
100
Operating ambient temperature [ C]
Current derating - 173010342 and 173010542
85
68 75


Similar Part No. - 173010378

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010378 WURTH-173010378 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010378 WURTH-173010378 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010378 WURTH-173010378 Datasheet
1Mb / 24P
   Pulse skipping for high efficiency at light loads
173010378 WURTH-173010378 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
173010378 WURTH-173010378 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
More results

Similar Description - 173010378

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-05M MPD-MPM-05M Datasheet
929Kb / 4P
   5W Output Power
logo
Shenzhen Huazhimei Semi...
HM9305B HMSEMI-HM9305B Datasheet
296Kb / 3P
   5W output power
logo
MicroPower Direct, LLC
MPM-05S MPD-MPM-05S Datasheet
398Kb / 2P
   5W Output Power
MPM-05SMM MPD-MPM-05SMM Datasheet
547Kb / 2P
   5W Output Power
MPM-05SV MPD-MPM-05SV Datasheet
827Kb / 4P
   5W Output Power
MPL-05SEUP MPD-MPL-05SEUP Datasheet
1Mb / 4P
   5W Output Power
logo
Mean Well Enterprises C...
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com