Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

177920524 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920524
Description  Integrated capacitors and transformer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920524 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  177920524 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920524 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920524 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920524 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920524 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920524 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920524 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920524 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920524 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
WPMIx9200501S / 1779205x4
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
1/21
5V
– 24V / 1W / 4kV functional isolated
unregulated 5V Output
DESCRIPTION
The FISM series of the unregulated MagI3C Power
Module family is a functional isolated, fully integrated
DC/DC converter. The module integrates the switching
power stage, control circuitry, transformer and capacitors
all in one package.
The
module
requires
no
external
components
for
operation thus reducing design effort and complexity to a
minimum.
The FISM ensures
fast time to market and low
development costs.
The FISM series achieves typically an efficiency of 75%
to 81%.
The THT package with industrial standard SIP7 pinout
allows for easy assembly.
TYPICAL APPLICATIONS
Data acquisition
Test and measurement systems
Interface and microcontroller supply
Industrial control
FEATURES
4kV DC functional isolation
Current capability up to 0.2A
Nominal input voltage rails: 5V / 12V / 24V
Output voltage: 5V unregulated
No minimum load required
Continuous output power: 1W
Integrated capacitors and transformer
Low output voltage ripple: typ. 60mV at full load
Output voltage accuracy: 5% max.
Operating frequency range 50 kHz to 105 kHz
-40°C to 85°C ambient operating temperature range
RoHS & REACh compliant
UL94V-0 package material
EN55022 Class B compliant
UL60950-1, 2nd Edition
– pending
C22.2 No. 60950-1-07 2nd Edition
– pending
IEC/EN60950-1, 2nd Edition
– pending
TYPICAL CIRCUIT DIAGRAM
+VIN
1
7
2
-VIN
5
+VOUT
-VOUT
DC
DC
Load
Sup ply
VIN
VINGND
VOUTGND
VOUT


Similar Part No. - 177920524

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   Nominal input voltage rails: 5V / 12V / 24V
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
177920524 WURTH-177920524 Datasheet
178Kb / 1P
   EVAL Board f체r MagI쨀C FISM 1789205X4
1779205241 WURTH-1779205241 Datasheet
2Mb / 35P
   WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
More results

Similar Description - 177920524

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
PNM-5050L-C3310-R PUIAUDIO-PNM-5050L-C3310-R Datasheet
560Kb / 5P
   Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
AUM-5247L-C3310-R PUIAUDIO-AUM-5247L-C3310-R Datasheet
544Kb / 5P
   Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
PNM-3550L-C3310-R PUIAUDIO-PNM-3550L-C3310-R Datasheet
574Kb / 5P
   Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
PNM-5054L-C3310-R PUIAUDIO-PNM-5054L-C3310-R Datasheet
558Kb / 5P
   Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
logo
Vincotech
70-W212NMA400SC03-M209P03 VINCOTECH-70-W212NMA400SC03-M209P03 Datasheet
3Mb / 29P
   Integrated DC-snubber capacitors
70-W212NMA600SC-M200P VINCOTECH-70-W212NMA600SC-M200P Datasheet
2Mb / 31P
   Integrated DC-snubber capacitors
70-W212NMA300SC-M208P VINCOTECH-70-W212NMA300SC-M208P Datasheet
3Mb / 28P
   Integrated DC-snubber capacitors
logo
Maxim Integrated Produc...
MAX14882 MAXIM-MAX14882 Datasheet
527Kb / 15P
   5kVRMS Isolated CAN Transceiver with Integrated Transformer Driver
Rev 0; 2/18
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com