Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25S20XA Datasheet(PDF) 9 Page - ON Semiconductor

Part # LE25S20XA
Description  Serial Flash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S20XA Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LE25S20XA Datasheet HTML 5Page - ON Semiconductor LE25S20XA Datasheet HTML 6Page - ON Semiconductor LE25S20XA Datasheet HTML 7Page - ON Semiconductor LE25S20XA Datasheet HTML 8Page - ON Semiconductor LE25S20XA Datasheet HTML 9Page - ON Semiconductor LE25S20XA Datasheet HTML 10Page - ON Semiconductor LE25S20XA Datasheet HTML 11Page - ON Semiconductor LE25S20XA Datasheet HTML 12Page - ON Semiconductor LE25S20XA Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LE25S20XA
www.onsemi.com
9
BP0, BP1, BP2, TB (Bits 2, 3, 4, 5)
Block protect BP0, BP1, BP2 and TB are status register bits that can be rewritten, and the memory space to be
protected can be set depending on these bits. For the setting conditions, refer to "Table 5 Protect level setting
conditions".
BP0, BP1, and BP2 are used to select the protected area and TB to allocate the protected area to the higher-order
address area or lower-order address area.
Table 5 Protect Level Setting Conditions
Protect Level
Status Register Bits
Protected Area
TB
BP1
BP0
0 (Whole area unprotected)
X
0
0
None
T1 (Upper side 1/4 protected)
0
0
1
03FFFFh to 030000h
T2 (Upper side 1/2 protected)
0
1
0
03FFFFh to 020000h
B1 (Lower side 1/4 protected)
1
0
1
00FFFFh to 000000h
B2 (Lower side 1/2 protected)
1
1
0
01FFFFh to 000000h
3 (Whole area protected)
X
1
1
03FFFFh to 000000h
* Chip erase is enabled only when the protect level is 0.
SRWP (bit 7)
Status register write protect SRWP is the bit for protecting the status registers, and its information can be rewritten.
When SRWP is "1" and the logic level of the WP pin is low, the status register write command is ignored, and
status registers BP0, BP1, BP2, TB and SRWP are protected. When the logic level of the WP pin is high, the status
registers are not protected regardless of the SRWP state. The SRWP setting conditions are shown in "Table 6
SRWP setting conditions".
Table 6 SRWP Setting Conditions
WP Pin
SRWP
Status Register Protect State
0
0
Unprotected
1
Protected
1
0
Unprotected
1
Unprotected
Bit 6 are reserved bits, and have no significance.
3. Write Enable
Before performing any of the operations listed below, the device must be placed in the write enable state.
Operation is the same as for setting status register WEN to "1", and the state is enabled by inputting the write
enable command. "Figure 7 Write Enable" shows the timing waveforms when the write enable operation is
performed. The write enable command consists only of the first bus cycle, and it is initiated by inputting (06h).
 Small sector erase, sector erase, chip erase
 Page program
 Status register write


Similar Part No. - LE25S20XA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S20FD ONSEMI-LE25S20FD Datasheet
230Kb / 22P
   Serial Flash Memory
February 2017 - Rev. 0
LE25S20FD-AH ONSEMI-LE25S20FD-AH Datasheet
230Kb / 22P
   Serial Flash Memory
February 2017 - Rev. 0
LE25S20FD ONSEMI-LE25S20FD_17 Datasheet
230Kb / 22P
   Serial Flash Memory
February 2017 - Rev. 0
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
More results

Similar Description - LE25S20XA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com