Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25S20XATAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # LE25S20XATAG
Description  Serial Flash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S20XATAG Datasheet(HTML) 4 Page - ON Semiconductor

  LE25S20XATAG Datasheet HTML 1Page - ON Semiconductor LE25S20XATAG Datasheet HTML 2Page - ON Semiconductor LE25S20XATAG Datasheet HTML 3Page - ON Semiconductor LE25S20XATAG Datasheet HTML 4Page - ON Semiconductor LE25S20XATAG Datasheet HTML 5Page - ON Semiconductor LE25S20XATAG Datasheet HTML 6Page - ON Semiconductor LE25S20XATAG Datasheet HTML 7Page - ON Semiconductor LE25S20XATAG Datasheet HTML 8Page - ON Semiconductor LE25S20XATAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LE25S20XA
www.onsemi.com
4
Device Operation
The read, erase, program and other required functions of the device are executed through the command registers.
The serial I/O corrugate is shown in Figure 3 and the command list is shown in Table 2. At the falling CS edge the
device is selected, and serial input is enabled for the commands, addresses, etc. These inputs are normalized in 8
bit units and taken into the device interior in synchronization with the rising edge of SCK, which causes the device
to execute operation according to the command that is input.
The LE25S20XA supports both serial interface SPI mode 0 and SPI mode 3. At the falling CS edge, SPI mode 0 is
automatically selected if the logic level of SCK is low, and SPI mode 3 is automatically selected if the logic level
of SCK is high.
Figure 3 I/O waveforms
Table 2 Command Settings
Command
1st bus cycle
2nd bus
cycle
3rd bus cycle
4th bus cycle
5th bus cycle
6th bus cycle
Nth bus cycle
Read
03h
A23-A16
A15-A8
A7-A0
RD *1
RD *1
RD *1
0Bh
A23-A16
A15-A8
A7-A0
X
RD *1
RD *1
Small sector erase
20h / D7h
A23-A16
A15-A8
A7-A0
Sector erase
D8h
A23-A16
A15-A8
A7-A0
Chip erase
60h / C7h
Page program
02h
A23-A16
A15-A8
A7-A0
PD *2
PD *2
PD *2
Write enable
06h
Write disable
04h
Power down
B9h
Status register read
05h
Status register write
01h
DATA
JEDEC ID read
9Fh
ID read
ABh
X
X
X
power down
B9h
Exit power down mode
ABh
Explanatory notes for Table 2
"X" signifies "don't care" (that is to say, any value may be input).
The "h" following each code indicates that the number given is in hexadecimal notation.
Addresses A23 to A18 for all commands are "Don't care".
*1: "RD" stands for read data. *2: "PD" stands for page program data.
CS
SCK
SO
SI
High Impedance
DATA
DATA
1st bus
2nd bus
8CLK
Mode0
Mode3
Nth bus
MSB
(Bit7)
LSB
(Bit0)


Similar Part No. - LE25S20XATAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S20FD ONSEMI-LE25S20FD Datasheet
230Kb / 22P
   Serial Flash Memory
February 2017 - Rev. 0
LE25S20FD-AH ONSEMI-LE25S20FD-AH Datasheet
230Kb / 22P
   Serial Flash Memory
February 2017 - Rev. 0
LE25S20FD ONSEMI-LE25S20FD_17 Datasheet
230Kb / 22P
   Serial Flash Memory
February 2017 - Rev. 0
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
More results

Similar Description - LE25S20XATAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com