Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5404G Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # UF5404G
Description  Ideally Suited for Automatic Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

UF5404G Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  UF5404G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd UF5404G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd UF5404G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd UF5404G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd UF5404G Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1665, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
UF5404G
Marking Diagram:
Where XXXXX is YYWWL
UF
= Device Type
54
= Forward Current (3A)
04
= Reverse Voltage (400V)
G
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
UF5404G
DO-201AD
(Pb-Free)
3000pcs / Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Repetitive Peak Inverse Voltage
VRWM
-
400
V
Average Forward Current
IF(AV)
50% duty cycle @TC =105℃
rectangular wave form
3.0
A
One Cycle Non-Repetitive Surge
Forward Current
IFSM
8.3ms, Half Sine pulse
45
A


Similar Part No. - UF5404G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5404G JGD-UF5404G Datasheet
165Kb / 2P
   3.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
UF5404G DSK-UF5404G Datasheet
301Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Won-Top Electronics
UF5404G WTE-UF5404G Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
DIYI Electronic Technol...
UF5404G DYELEC-UF5404G Datasheet
585Kb / 2P
   3.0 AMP. Ultra Fast Rectifiers G lass
logo
Pan Jit International I...
UF5404G PANJIT-UF5404G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RCTIFIER
More results

Similar Description - UF5404G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KABS12 DYELEC-KABS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS12 DYELEC-SS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS24L DYELEC-SS24L Datasheet
2Mb / 2P
   Ideally Suited for Automatic Assembly
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
S14L DYELEC-S14L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
S32U DYELEC-S32U Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
logo
Sangdest Microelectroni...
ER3A SMC-ER3A Datasheet
144Kb / 4P
   Ideally Suited for Automatic Assembly
logo
DIYI Electronic Technol...
KABF32 DYELEC-KABF32 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
KABF12 DYELEC-KABF12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS54L DYELEC-SS54L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
KDB32S DYELEC-KDB32S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com