Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKB02N120 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SKB02N120
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel Emitter Controlled Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKB02N120 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SKB02N120_13 Datasheet HTML 2Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 3Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 4Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 5Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 6Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 7Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 8Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 9Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SKB02N120
6
Rev. 2.4
12.06.2013
0A
2A
4A
6A
8A
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
0
50
100
150
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 9. Typical switching times as a
function of collector current
(inductive load, Tj = 150C,
VCE = 800V, VGE = +15V/0V, RG = 9 1,
dynamic test circuit in Fig.E )
Figure 10. Typical switching times as a
function of gate resistor
(inductive load, Tj = 150C,
VCE = 800V, VGE = +15V/0V, IC = 2A,
dynamic test circuit in Fig.E)
-50°C
0°C
50°C
100°C
150°C
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
-50°C
0°C
50°C
100°C
150°C
0V
1V
2V
3V
4V
5V
6V
typ.
min.
max.
Tj, JUNCTION TEMPERATURE
Tj, JUNCTION TEMPERATURE
Figure 11. Typical switching times as a
function of junction temperature
(inductive load, VCE = 800V,
VGE = +15V/0V, IC = 2A, RG = 91,
dynamic test circuit in Fig.E )
Figure 12. Gate-emitter threshold voltage
as a function of junction temperature
(IC = 0.3mA)


Similar Part No. - SKB02N120_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results

Similar Description - SKB02N120_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB04N60 INFINEON-SKB04N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct. 07
SKP06N60 INFINEON-SKP06N60_07 Datasheet
467Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 07
SKP06N60 INFINEON-SKP06N60 Datasheet
459Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW25N120 INFINEON-SKW25N120_08 Datasheet
329Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com