Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AES60E_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AES60E_SERIES
Description  Enclosed Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AES60E_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AES60E_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AES60E_SERIES Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_4
update : 2010.11.08
AC-DC Switching Power Supply
AES60E SERIES
60 Watts
ELECTRICAL SPECIFICATIONS
Model No.
AES60E-5S
AES60E-9S
AES60E-12S
AES60E-15S
AES60E-24S
AES60E-48S
Max Output Wattage (W)
50W
60W
60W
60W
60W
60W
Voltage
85-265 VAC or 100-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
2 A max. (115 VAC) / 1 A max. (230 VAC)
Inrush Current (<2ms)
30 A max. (115 VAC) / 50 A max. (230 VAC)
Input
Leakage Current
0.5 mA max.
Voltage (V.DC.)
5V
9V
12V
15V
24V
48V
Voltage Accuracy
±2%
Current (mA) max
10,000
6,660
5,000
4,000
2,500
1,250
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
1%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency (at 230V)
82%
84%
86%
86%
86%
86%
Trim
±10%
Hold-up Time
10 ms min.
Output
Switching Frequency
100 kHz
Over Power Protection
Auto recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Auto recovery
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-50°C…+85°C
Temperature coefficient
±0.02%/°C
Humidity
95% RH
MTBF
>130,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
4.13 x 2.28 x 1.5 Inches
( 105.0 x 58.0 x 38.1 mm ) Tolerance
±0.5 mm
Weight
260 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL60950
EMI
(Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Enclosed Switching Power Supply
Universal Input: 85-265 VAC
Single Output
5 VDC to 48 VDC Output
3000 VAC Input to Output Isolation
2-Years Product Warranty
1.All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Similar Part No. - AES60E_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AES60E-12S ARCH-AES60E-12S Datasheet
181Kb / 2P
   AC-DC Switching Power Supply
AES60E-12S ARCH-AES60E-12S Datasheet
250Kb / 3P
   AC-DC Switching Power Supply
AES60E-15S ARCH-AES60E-15S Datasheet
181Kb / 2P
   AC-DC Switching Power Supply
AES60E-15S ARCH-AES60E-15S Datasheet
250Kb / 3P
   AC-DC Switching Power Supply
AES60E-24S ARCH-AES60E-24S Datasheet
181Kb / 2P
   AC-DC Switching Power Supply
More results

Similar Description - AES60E_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF240D_SERIES ARCH-AQF240D_SERIES Datasheet
307Kb / 2P
   Enclosed Switching Power Supply
AQF240E_SERIES ARCH-AQF240E_SERIES Datasheet
259Kb / 2P
   Enclosed Switching Power Supply
ABR300EC ARCH-ABR300EC Datasheet
576Kb / 6P
   Enclosed Switching Power Supply
AQFV480F_SERIES ARCH-AQFV480F_SERIES Datasheet
579Kb / 7P
   Enclosed Switching Power Supply
SZA60E ARCH-SZA60E Datasheet
257Kb / 2P
   Enclosed Switching Power Supply
AQF360F_SERIES ARCH-AQF360F_SERIES Datasheet
345Kb / 6P
   Enclosed Switching Power Supply
ABR300E ARCH-ABR300E Datasheet
555Kb / 5P
   Enclosed Switching Power Supply
logo
CUI INC
VAD-55B CUI-VAD-55B Datasheet
115Kb / 2P
   Metal Enclosed Switching Power Supply
VS-25-15 CUI-VS-25-15 Datasheet
82Kb / 2P
   Metal Enclosed Switching Power Supply
VS-25-24 CUI-VS-25-24 Datasheet
82Kb / 2P
   Metal Enclosed Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com