Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1720051107 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1720051107
Description  Impel 92 Ohm, 5 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1720051107 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1720051107 Datasheet HTML 1Page - Molex Electronics Ltd. 1720051107 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/18/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1720101020
Status:
Active
Overview:
Impel™ and Impel™ Plus Backplane Solutions
Description:
Impel™ 92 Ohm, 5 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided, Open
Endwalls, 10 Columns, 100 Circuits, Plated Through Hole Dimension 0.36mm
Documents:
3D Model
Application Specification AS-171320-991-001 (PDF)
Drawing (PDF)
Application Specification AS-171320-992-001 (PDF)
Product Specification PS-171320-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-171320-990-001 (PDF)
General
Product Family
Backplane Connectors
Series
172010
Application
Coplanar, Daughtercard
Component Type
PCB Receptacle
Overview
Impel™ and Impel™ Plus Backplane Solutions
Product Name
Impel™
UPC
887191445847
Physical
Circuits (Loaded)
100
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Nickel, Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
34.083/g
Number of Columns
10
Number of Pairs
5
Number of Rows
10
Orientation
Right Angle
PC Tail Length
1.30mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.90mm
Pitch - Termination Interface
1.90mm
Plating min - Mating
0.762µm
Temperature Range - Operating
-55°C to +85°C
Electrical
Current - Maximum per Contact
0.75A
Data Rate
40.0 Gbps
Impedance
92Ω
Shield Type
Full Shield
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
172010 Series
Mates With
Impel™ Vertical Backplane Header
172005-1107
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Impel Daughtercard
Press-In Tool
0622018966


Similar Part No. - 1720051107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1720051107 MOLEX1-1720051107_17 Datasheet
58Kb / 2P
   Impel 92 Ohm, 5 Pair Vertical Backplane Header, 1.90mm Pitch, Unguided
More results

Similar Description - 1720051107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1720101020 MOLEX1-1720101020_17 Datasheet
61Kb / 2P
   Impel 92 Ohm, 5 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001020 MOLEX11-1714001020 Datasheet
58Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1713201026 MOLEX1-1713201026_17 Datasheet
62Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1717501022 MOLEX1-1717501022_17 Datasheet
62Kb / 2P
   Impel 92 Ohm, 2 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1713201026 MOLEX11-1713201026 Datasheet
64Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001026 MOLEX11-1714001026 Datasheet
61Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001038 MOLEX11-1714001038 Datasheet
56Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1719901038 MOLEX11-1719901038 Datasheet
61Kb / 2P
   Impel 92 Ohm, 3 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001020 MOLEX1-1714001020_17 Datasheet
56Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001026 MOLEX1-1714001026_17 Datasheet
60Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com