Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N84C163 Datasheet(PDF) 6 Page - ON Semiconductor

Part # N84C163
Description  Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N84C163 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button N84C163 Datasheet HTML 2Page - ON Semiconductor N84C163 Datasheet HTML 3Page - ON Semiconductor N84C163 Datasheet HTML 4Page - ON Semiconductor N84C163 Datasheet HTML 5Page - ON Semiconductor N84C163 Datasheet HTML 6Page - ON Semiconductor N84C163 Datasheet HTML 7Page - ON Semiconductor N84C163 Datasheet HTML 8Page - ON Semiconductor N84C163 Datasheet HTML 9Page - ON Semiconductor N84C163 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
N84C163
www.onsemi.com
6
Hardware Data Protection
The N84C163 is designed with the following hardware
data protection features to provide a high degree of data
integrity.
1. The N84C163 features a WP pin. When the WP
pin is tied high the entire memory array becomes
write protected (read only).
2. The VCC sense provides write protection when
VCC falls below the reset threshold value (VTH).
The VCC lock out inhibits writes to the serial
EEPROM whenever VCC falls below (power
down) VTH or until VCC reaches the reset threshold
(power up) VTH. Any attempt to access the
internal EEPROM is not recognized and an ACK
will not be sent on the SDA line when RESET or
RESET is active.
Reset Threshold Voltage
The N84C163 is offered with five reset threshold voltage
ranges. They are 4.50
÷ 4.75 V, 4.25 ÷ 4.50 V, 3.00 ÷ 3.15 V,
2.85
÷ 3.00 V and 2.55 ÷ 2.70 V.
Figure 2. Bus Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
Figure 3. Write Cycle Timing
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
Figure 4. Start/Stop Timing
START BIT
A
SD
STOP BIT
SCL


Similar Part No. - N84C163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N84C163WD25TG ONSEMI-N84C163WD25TG Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
N84C163WD28TG ONSEMI-N84C163WD28TG Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
N84C163WD30TG ONSEMI-N84C163WD30TG Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
N84C163WD42TG ONSEMI-N84C163WD42TG Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
N84C163WD45TG ONSEMI-N84C163WD45TG Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
More results

Similar Description - N84C163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
N84C161 ONSEMI-N84C161 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com