Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN1154MUTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCN1154MUTAG
Description  USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN1154MUTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NCN1154MUTAG Datasheet HTML 1Page - ON Semiconductor NCN1154MUTAG Datasheet HTML 2Page - ON Semiconductor NCN1154MUTAG Datasheet HTML 3Page - ON Semiconductor NCN1154MUTAG Datasheet HTML 4Page - ON Semiconductor NCN1154MUTAG Datasheet HTML 5Page - ON Semiconductor NCN1154MUTAG Datasheet HTML 6Page - ON Semiconductor NCN1154MUTAG Datasheet HTML 7Page - ON Semiconductor NCN1154MUTAG Datasheet HTML 8Page - ON Semiconductor NCN1154MUTAG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 5
1
Publication Order Number:
NCN1154/D
NCN1154
USB 2.0 High Speed, UART
and Audio Switch with
Negative Signal Capability
The NCN1154 is a DP3T switch for combined true−ground audio,
USB 2.0 high speed data, and UART applications. It allows portable
systems to use a single port to pass either high speed data or audio
signals from an external headset; the 3 channels being compliant to
USB 2.0, USB 1.1 and USB 1.0.
The switch is capable of passing signals with negative voltages as
low as 2 V below ground. The device features shunt resistors on the
audio ports. These resistors are switched in when the audio channel is
off and provide a safe path to ground for any charge that may build up
on the audio lines. This reduces Pop & Click noise in the audio system.
The NCN1154 is housed in a space−saving, ultra low profile
2.0x1.7x0.5mm, 12 pin UQFN package.
Features
3:1 High Speed Switch
USB 2.0, USB 1.1 & USB 1.0 Capable on all Channels
High Bandwidth of 820 MHz on D+/D−
Capable of Passing Negative Swing Signals Down to −2 V on R/L
Channel
1.8 V Compatible Control Pins for 2.7 V v VCC v 4.2 V
Audio Channel Shunt Resistors for Pop & Click Noise Reduction
Ultra Low THD in Audio Mode: 0.01% into 16 W Load
5.25 V Tolerant Common Pins
This is a Pb−Free Device
Typical Applications
Micro or Mini USB Applications
Shared High Speed Data or Audio on a Single Connector
Mobile Phones
Tablets
Bar Code Scanners
Portable Devices
www.onsemi.com
UQFN12
MU SUFFIX
CASE 523AE
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
NCN1154MUTAG
UQFN12
(Pb−Free)
3000 / Tape & Reel
APPLICATION DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
AC = Specific Device Code
M
= Date Code
G
= Pb−Free Package
ACM
G
1
NCN1154
COM+
COM−
D+
D−
Rx
Tx
R
L
IN1, IN2
From Baseband
USB/
UART
USB/
UART
USB/
UART/
Audio


Similar Part No. - NCN1154MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN1154MUTAG ONSEMI-NCN1154MUTAG Datasheet
369Kb / 8P
   DP3T USB 2.0 High Speed / Audio Switch with Negative Swing Capability
June, 2010 ??Rev. 1
NCN1154MUTAG ONSEMI-NCN1154MUTAG Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154MUTAG ONSEMI-NCN1154MUTAG Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
More results

Similar Description - NCN1154MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
logo
Fairchild Semiconductor
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com