Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN8025 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCN8025
Description  Compact SMART CARD Interface IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN8025 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCN8025_16 Datasheet HTML 2Page - ON Semiconductor NCN8025_16 Datasheet HTML 3Page - ON Semiconductor NCN8025_16 Datasheet HTML 4Page - ON Semiconductor NCN8025_16 Datasheet HTML 5Page - ON Semiconductor NCN8025_16 Datasheet HTML 6Page - ON Semiconductor NCN8025_16 Datasheet HTML 7Page - ON Semiconductor NCN8025_16 Datasheet HTML 8Page - ON Semiconductor NCN8025_16 Datasheet HTML 9Page - ON Semiconductor NCN8025_16 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NCN8025 / NCN8025A
www.onsemi.com
6
POWER SUPPLY SECTION (VDD = 3.3 V; VDDP = 5 V; Tamb = 25°C; FCLKIN = 10 MHz)
Symbol
Parameter
Min
Typ
Max
Unit
VDDP
Regulator Power Supply,
CVCC = 5.0 V,
|ICC|
≤ 70 mA (EMV Conditions)
|ICC|
≤ 70 mA (NDS Conditions)
CVCC = 3.0 V,
|ICC|
≤ 70 mA
CVCC = 1.8 V,
|ICC|
≤ 70 mA
4.75
4.85
3.0
2.7
5.0
5.0
5.5
5.5
5.5
5.5
V
IDDP
Inactive mode (CMDVCC = High)
1
mA
IDDP
DC Operating supply current, FCLKIN = 10 MHz, CoutCCLK = 33 pF, |ICVCC| = 0
(CMDVCC = Low)
3.0
mA
IDDP
DC Operating supply current,
CVCC = 5 V, ICVCC = 70 mA
CVCC = 3 V, ICVCC = 70 mA
CVCC = 1.8 V, ICVCC = 70 mA
150
150
150
mA
VDD
Operating Voltage
2.7
5.5
V
IVDD
Inactive mode − standby current (CMDVCC = High)
60
mA
IVDD
Operating Current − FCLK_IN = 10 MHz , CoutCCLK = 33 pF |ICVCC| = 0 (CMDVCC =
Low)
1
mA
UVLOVDD
Under Voltage Lock−Out (UVLO), no external resistor at pin PORADJ
(connected to GND), falling VDD level
2.20
2.30
2.40
V
UVLOHys
UVLO Hysteresis, no external resistor at pin PORADJ (Connected to GND)
50
100
180
mV
PORADJ pin
VPORth+
External Rising threshold voltage on VDD for Power On Reset − pin PORADJ
1.20
1.27
1.34
V
VPORth−
External Falling threshold voltage on VDD for Power On Reset − pin PORADJ
1.15
1.20
1.28
V
VPORHys
Hysteresis on VPORth (pin PORADJ)
30
80
100
mV
tPOR
Width of Power−On Reset pulse (Note 5)
No external resistor on PORADJ
External resistor on PORADJ
4
4
8
8
12
12
ms
ms
IIL
Low level input leakage current, VIL < 0.5 V (Pull−down source current)
5
mA
Low Dropout Regulator
CCVCC
Output Capacitance on card power supply CVCC (Note 6)
0.08
0.32
1.2
mF
CVCC
Output Card Supply Voltage (including ripple)
1.8 V CVCC mode @ ICC
≤ 70 mA
3.0 V CVCC mode @ ICC
≤ 70 mA
5.0 V CVCC mode @ ICC
≤ 70 mA with 4.85 V ≤ VDDP ≤ 5.5 V (NDS)
5.0 V CVCC mode @ ICC
≤ 70 mA with 4.75 V ≤ VDDP ≤ 5.5 V (EMV)
1.70
2.85
4.75
4.60
1.80
3.00
5.00
5.00
1.90
3.15
5.25
5.25
V
V
V
CVCC
Current pulses 15 nAs (t < 400 ns & |ICC| < 100 mA peak) (Note 5)
1.8 V mode / Ripple
v 250 mV (2.7 V v VDDP v 5.5 V)
Current pulses 40 nAs (t < 400 ns & |ICC| < 200 mA peak)
3.0 V mode / Ripple
v 250 mV (2.9 V v VDDP v 5.5 V)
Current pulses 40 nAs (t < 400 ns & |ICC| < 200 mA peak)
5.0 V mode / Ripple
v 250 mV (4.85 V v VDDP v 5.5 V)
1.66
2.70
4.60
1.80
3.00
5.00
1.90
3.30
5.30
V
V
V
ICVCC
Card Supply Current
@ CVCC = 1.8 V
@ CVCC = 3.0 V
@ CVCC = 5.0 V
70
70
70
mA
ICVCC_SC
Short −Circuit Current − CVCC shorted to ground
120
150
mA
DVCVCC
Output Card Supply Voltage Ripple peak−to−peak − fripple = 100 Hz to 200 MHz (load
transient frequency with 65 mA peak current and 50% Duty Cycle) (Note 5)
300
mV
CVCCSR
Slew Rate on CVCC turn−on / turn−off (Note 5)
0.22
V/
ms
5. Guaranteed by design and characterization.
6. These values take into account the tolerance of the cms capacitor used. CMS capacitor very low ESR (< 100 m
W, X5R / X7R).


Similar Part No. - NCN8025_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN8025A ONSEMI-NCN8025A Datasheet
190Kb / 15P
   Compact SMART CARD Interface IC
May, 2012 ??Rev. 4
NCN8025AEVB ONSEMI-NCN8025AEVB Datasheet
380Kb / 7P
   Evaluation Board Manual for NCN8025A QFN-24
April, 2011 ??Rev. 0
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN8025AMNTXG ONSEMI-NCN8025AMNTXG Datasheet
190Kb / 15P
   Compact SMART CARD Interface IC
May, 2012 ??Rev. 4
NCN8025AMNTXG ONSEMI-NCN8025AMNTXG Datasheet
380Kb / 7P
   Evaluation Board Manual for NCN8025A QFN-24
April, 2011 ??Rev. 0
More results

Similar Description - NCN8025_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
   Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN8025 ONSEMI-NCN8025 Datasheet
190Kb / 15P
   Compact SMART CARD Interface IC
May, 2012 ??Rev. 4
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6001 ONSEMI-NCN6001_14 Datasheet
524Kb / 33P
   Compact Smart Card Interface IC
October, 2014 ??Rev. 6
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6001 ONSEMI-NCN6001_06 Datasheet
471Kb / 34P
   Compact Smart Card Interface IC
January, 2006 ??Rev. 3
NCN8026A ONSEMI-NCN8026A Datasheet
166Kb / 14P
   Compact Low Power Smart Card Interface IC
January, 2013 ??Rev. 2
NCN8026A ONSEMI-NCN8026A_16 Datasheet
125Kb / 15P
   Compact Low Power Smart Card Interface IC
May, 2016 ??Rev. 7
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
   Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com