Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7542JN Datasheet(PDF) 6 Page - Exar Corporation

Part # MP7542JN
Description  5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7542JN Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP7542JN Datasheet HTML 2Page - Exar Corporation MP7542JN Datasheet HTML 3Page - Exar Corporation MP7542JN Datasheet HTML 4Page - Exar Corporation MP7542JN Datasheet HTML 5Page - Exar Corporation MP7542JN Datasheet HTML 6Page - Exar Corporation MP7542JN Datasheet HTML 7Page - Exar Corporation MP7542JN Datasheet HTML 8Page - Exar Corporation MP7542JN Datasheet HTML 9Page - Exar Corporation MP7542JN Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP7542
6
Rev. 2.00
APPLICATION NOTES
Refer to Section 8 for Applications Information
Interface Logic Information
The MP7542 is designed to interface as a memory-mapped
output device.
A typical system configuration is shown below. CS is the de-
coded device address, and is derived by decoding the 14 higher
order address bits. A0 and A1 are the MP7542 operation ad-
dress bits, and are decoded internally in the MP7542 to point to
the desired loading operation (i.e. load high byte, middle byte,
low byte or DAC register).
See Table 1.
All data loading operations are identical to the write cycle of a
RAM.
Additionally, the CLR input allows the MP7542 DAC register
to be cleared asynchronously to 0000 0000 0000. When operat-
ing the MP7542 in a unipolar mode a CLEAR sets the DAC out-
put to zero scale output. In the bipolar mode a CLEAR causes
the DAC output to go to –VREF.
In summary:
1. The MP7542 DAC register can be asynchronously
cleared with the CLR input.
2. Each MP7542 requires only 4 bits of memory.
3. Any of the four basic loading operations (i.e. load low
byte data register, middle byte data register, high byte
data register or 12-bit DAC register) are accomplished
by executing a memory WRITE operation to the applica-
ble address location for the required DAC operation.
Figure 2. 8085/MP7542 Interface (Memory Mapped Output)
ADDRESS BUS (16)
A0-15
8212
MP7542
FROM SYSTEM RESET
(8) AD0-7
DATA
8085
or comparable
(8)
ALE
WR
Address
Decode
ADDRESS (16)
DATA (8)
+5 V
CLR
DB3
DB2
DB1
DB0
A0
A1
AD0 AD1 AD2 AD3
ADDR
ADDR/DATA
DECODED A2 - 15
USED AS
CHIP SELECT
A2 - 15
A0
A1
WR
CS


Similar Part No. - MP7542JN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJN EXAR-MP7541BJN Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJS EXAR-MP7541BJS Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKN EXAR-MP7541BKN Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKS EXAR-MP7541BKS Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
More results

Similar Description - MP7542JN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7543 EXAR-MP7543 Datasheet
128Kb / 12P
   5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com