Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSMC27A Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # TPSMC27A
Description  AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

TPSMC27A Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  TPSMC27A Datasheet HTML 1Page - EIC discrete Semiconductors TPSMC27A Datasheet HTML 2Page - EIC discrete Semiconductors TPSMC27A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( TPSMC6.8 - TPSMC43A )
FIG.1 - PULSE DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
FIG.4 - PULSE RATING CURVE
FIG.5 - PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
Page 3 of 3
Rev. 03: October 8, 2012
80
60
40
20
120
10000
100
10
80
0
200
0
60
40
20
1000
10
0.1
100
1.0
td, PULSE WIDTH
100
100
10
20
60
1
2
4
6
40
100
10
1
0.1
μs1.0μs10μs100μs
10ms
1.0ms
200
V(BR) , BREAKDOWN VOLTAGE (V)
8.3 ms SINGLE HALF SINE W AVE
JEDEC METHOD
50
100
0
Tr = 10
μs
Peak Value
IPPM
Half Value - IPPM
2
TJ=25 °C
Pulse W idth (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
tp
10X1000 W aveform
as defined by R.E.A.
t, TIME(ms)
TJ = TJ max
Ta = 25°C
Non-repetitive pulse
waveform shown in Fig. 5
100
VR measured
at stand-off
voltage, VWM
VR measured
at zero bias
TJ = 25°C
f = 1MHz
Vsig = 50mVp-p
IATF 0113686
SGS TH07/1033
TH09/2479
TH97/2478
www.eicsemi.com


Similar Part No. - TPSMC27A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TPSMC27A EIC-TPSMC27A Datasheet
60Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
TPSMC27A VISHAY-TPSMC27A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC27A VISHAY-TPSMC27A Datasheet
89Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
SUNMATE electronic Co.,...
TPSMC27A SUNMATE-TPSMC27A Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
TPSMC27A SUNMATE-TPSMC27A Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - TPSMC27A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
TPSMB6.8 GE-TPSMB6.8 Datasheet
65Kb / 4P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
TPSMC6.8 GE-TPSMC6.8 Datasheet
64Kb / 4P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM8A27 VISHAY-SM8A27 Datasheet
33Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressor
01-Aug-02
logo
General Semiconductor
SM5A27 GE-SM5A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
SM6A27 GE-SM6A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
TPSMC6.8 EIC-TPSMC6.8 Datasheet
60Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMA6J5.0CAQ DIODES-SMA6J5.0CAQ Datasheet
480Kb / 5P
   600W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 1 - 2 September 2022
SMAJ5.0AQ DIODES-SMAJ5.0AQ Datasheet
376Kb / 6P
   400W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
September 2021
SMCJ5.0AQ DIODES-SMCJ5.0AQ Datasheet
509Kb / 6P
   1,500W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
July 2022Rev. 8 - 2
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com