Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7212-CB-A Datasheet(PDF) 2 Page - Cirrus Logic

Part # EP7212-CB-A
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7212-CB-A Datasheet(HTML) 2 Page - Cirrus Logic

  EP7212-CB-A Datasheet HTML 1Page - Cirrus Logic EP7212-CB-A Datasheet HTML 2Page - Cirrus Logic EP7212-CB-A Datasheet HTML 3Page - Cirrus Logic EP7212-CB-A Datasheet HTML 4Page - Cirrus Logic EP7212-CB-A Datasheet HTML 5Page - Cirrus Logic EP7212-CB-A Datasheet HTML 6Page - Cirrus Logic EP7212-CB-A Datasheet HTML 7Page - Cirrus Logic EP7212-CB-A Datasheet HTML 8Page - Cirrus Logic EP7212-CB-A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 136 page
background image
EP7212
Low-Power System-on-Chip with LCD Controller and Digital Audio Interface
2
DS474PP1
OVERVIEW (cont.)
The EP7212 also includes a 32-bit Y2K-compliant
realtime clock and comparator.
Power Management
The EP7212 is designed for ultra-low-power opera-
tion. Its core operates at only 2.5 V, while its I/O has
an operation range of 2.5 V–3.3 V. The device has
three basic power states:
Operating — This state is the full performance
state. All the clocks and peripheral logic are
enabled.
Idle — This state is the same as the Operating
State, except the CPU clock is halted while wait-
ing for an event such as a key press.
Standby — This state is equivalent to the computer
being switched off (no display), and the main
oscillator shut down. An event such as a key
press can wake-up the processor.
Memory Interfaces
There are two main external memory interfaces.
The first one is the ROM / SRAM / FLASH-style inter-
face that has programmable wait-state timings and
includes burst-mode capability, with eight chip selects
decoding six 256-Mbyte sections of addressable
space. For maximum flexibility, each bank can be
specified to be 8, 16, or 32 bits wide. This allows the
use of 8-bit-wide boot ROM options to minimize over-
FEATURES (cont.)
n Advanced audio decoder / decompression
capability
— Allows for support of multiple audio decompression
algorithms
— Supports MPEG 1, 2, & 2.5 layer 3 audio decoding,
including ISO compliant MPEG 1 & 2 layer 3 support for
all standard sample rates and bit rates
— Supports bit streams with adaptive bit rates
— DAI (Digital Audio Interface) providing glueless interface
to low-power DACs, ADCs, and Codecs
n LCD controller
— Interfaces directly to a single-scan panel monochrome
LCD
— Panel width size is programmable from 32 to 1024 pixels
in 16-pixel increments
— Video frame buffer size programmable up to
128 kbytes
— Bits per pixel of 1, 2, or 4 bits
n DRAM controller
— Supports both 16- and 32-bit-wide DRAMs
— EDO support (Fast Page Mode support for 13 MHz and
18 MHz operation only)
n Memory controller
— Decodes up to 6 separate memory segments of up to
256 Mbytes each
— Each segment can be configured as 8, 16, or 32 bits
wide and supports page-mode access
— Programmable access time for conventional ROM /
SRAM / FLASH memory
— Supports Removable FLASH card interface
— Enables connection to removable FLASH card for
addition of expansion FLASH memory modules
n 38,400 bytes (0x9600) of on-chip SRAM for fast
program execution and / or as a frame buffer
n Synchronous serial interface
— ADC (SSI) Interface: Master mode only; SPIand
Microwire1-compatible (128 kbps operation)
n On-chip ROM; for manufacturing support
n 27-bits of general-purpose I/O
— Three 8-bit and one 3-bit GPIO port
— Supports scanning keyboard matrix
n Two UARTs (16550 type)
— Supports bit rates up to 115.2 kbps
— Contains two 16-byte FIFOs for TX and RX
— UART1 supports modem control signals
n SIR (up to 115.2 kbps) infrared encoder / decoder
— IrDA (Infrared Data Association) SIR protocol encoder /
decoder
n DC-to-DC converter interface (PWM)
— Provides two 96-kHz clock outputs with programmable
duty ratio (from 1-in-16 to 15-in-16) that can be used to
drive a DC to DC converter
n Two timer counters
n 208-pin LQFP or new 256-ball PBGA packages
n Evaluation kit available with BOM, schematics,
sample code, and design database
n Support for up to two ultra-low-power CL-PS6700
PC Card controllers
n Dedicated LED flasher pin from RTC
n Full JTAG boundary scan and Embedded ICE
support
n Commercial operating temperature range


Similar Part No. - EP7212-CB-A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
EP7211-CP-A CIRRUS-EP7211-CP-A Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
EP7211-CV-A CIRRUS-EP7211-CV-A Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
More results

Similar Description - EP7212-CB-A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311 Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
   HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
CS89712 CIRRUS-CS89712 Datasheet
2Mb / 170P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
   16/32-bit System-on-Chip with Color LCD Controller
logo
Cirrus Logic
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com