Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP565 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP565
Description  1.5 A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP565 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP565 Datasheet HTML 1Page - ON Semiconductor NCP565 Datasheet HTML 2Page - ON Semiconductor NCP565 Datasheet HTML 3Page - ON Semiconductor NCP565 Datasheet HTML 4Page - ON Semiconductor NCP565 Datasheet HTML 5Page - ON Semiconductor NCP565 Datasheet HTML 6Page - ON Semiconductor NCP565 Datasheet HTML 7Page - ON Semiconductor NCP565 Datasheet HTML 8Page - ON Semiconductor NCP565 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 8
1
Publication Order Number:
NCP565/D
NCP565
1.5 A Low Dropout
Linear Regulator
The NCP565 low dropout linear regulator will provide 1.5 A at a
fixed output voltage or an adjustable voltage down to 0.9 V. The fast
loop response and low dropout voltage make this regulator ideal for
applications where low voltage and good load transient response are
important. Device protection includes current limit, short circuit
protection, and thermal shutdown. The NCP565 is packaged in a 5 pin
D2PAK for adjustable voltage version and a 3 pin D2PAK for fixed
voltage version.
Features
Pb−Free Packages are Available
Ultra Fast Transient Response (t1.0 ms)
Low Ground Current (1.1 mA @ Iload = 1.5 A)
Low Dropout Voltage (0.9 V @ Iload = 1.5 A)
Low Noise (28 mVrms)
0.9 V Reference Voltage
Adjustable Output Voltage from 7.7 V down to 0.9 V
1.2 V Fixed Output Version. Other Fixed Voltages Available on
Request
Current Limit Protection (3.5 A)
Thermal Shutdown Protection (155°C)
Typical Applications
Servers
ASIC Power Supplies
Post Regulation for Power Supplies
Constant Current Source
http://onsemi.com
D2PAK
CASE 936A
ADJUSTABLE
1
5
Tab = Ground
Pin 1. N.C.
2. Vin
3. Ground
4. Vout
5. Adj
xx
= R4 or 12
A
= Assembly Location
WL = Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
1
2
3
D2PAK
CASE 936
FIXED
MARKING
DIAGRAMS
Tab = Ground
Pin 1. Vin
2. Ground
3. Vout
NC
P565D2Txx
AWLYWWG
NC
P565D2Txx
AWLYWWG


Similar Part No. - NCP565

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP565 ONSEMI-NCP565 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP565 ONSEMI-NCP565 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565D2T ONSEMI-NCP565D2T Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP565D2T ONSEMI-NCP565D2T Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
More results

Similar Description - NCP565

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com