Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ6V8ALT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBZ6V8ALT1
Description  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ6V8ALT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBZ6V8ALT1 Datasheet HTML 1Page - ON Semiconductor MMBZ6V8ALT1 Datasheet HTML 2Page - ON Semiconductor MMBZ6V8ALT1 Datasheet HTML 3Page - ON Semiconductor MMBZ6V8ALT1 Datasheet HTML 4Page - ON Semiconductor MMBZ6V8ALT1 Datasheet HTML 5Page - ON Semiconductor MMBZ6V8ALT1 Datasheet HTML 6Page - ON Semiconductor MMBZ6V8ALT1 Datasheet HTML 7Page - ON Semiconductor MMBZ6V8ALT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 7
1
Publication Order Number:
MMBZ5V6ALT1/D
MMBZ5V6ALT1 Series
Preferred Device
24 and 40 Watt Peak Power
Zener Transient Voltage
Suppressors
SOT−23 Dual Common Anode Zeners
for ESD Protection
These dual monolithic silicon Zener diodes are designed for
applications requiring transient overvoltage protection capability. They
are intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment and other applications. Their dual junction common
anode design protects two separate lines using only one package. These
devices are ideal for situations where board space is at a premium.
Features
Pb−Free Packages are Available
SOT−23 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
Working Peak Reverse Voltage Range − 3 V to 26 V
Standard Zener Breakdown Voltage Range − 5.6 V to 33 V
Peak Power − 24 or 40 Watts @ 1.0 ms (Unidirectional),
per Figure 5 Waveform
ESD Rating of Class N (exceeding 16 kV) per the Human
Body Model
Maximum Clamping Voltage @ Peak Pulse Current
Low Leakage < 5.0 mA
Flammability Rating UL 94 V−O
Mechanical Characteristics
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
Package designed for optimal automated board assembly
Small package size for high density applications
Available in 8 mm Tape and Reel
Use the Device Number to order the 7 inch/3,000 unit reel.
Replace the “T1” with “T3” in the Device Number to order the
13 inch/10,000 unit reel.
Preferred devices are recommended choices for future use
and best overall value.
SOT−23
CASE 318
STYLE 12
1
3
2
1
2
3
xxx
MARKING
DIAGRAM
xxx
= Device Code
M
= Date Code
See specific marking information in the device marking
column of the table on page 3 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MMBZ6V8ALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ6V8ALT1G ONSEMI-MMBZ6V8ALT1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ6V8ALT1G ONSEMI-MMBZ6V8ALT1G Datasheet
148Kb / 8P
   Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
logo
Guangdong Youtai Semico...
MMBZ6V8ALT1G UMW-MMBZ6V8ALT1G Datasheet
546Kb / 5P
   Common Anode Zeners for ESD Protection
More results

Similar Description - MMBZ6V8ALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMBZ4252T1G ONSEMI-SZMMBZ4252T1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
logo
Leshan Radio Company
LMBZ6V8ALT1G LRC-LMBZ6V8ALT1G Datasheet
383Kb / 9P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
   40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
   40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com