Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7312 Datasheet(PDF) 1 Page - Cirrus Logic

Part # EP7312
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312 Datasheet(HTML) 1 Page - Cirrus Logic

  EP7312 Datasheet HTML 1Page - Cirrus Logic EP7312 Datasheet HTML 2Page - Cirrus Logic EP7312 Datasheet HTML 3Page - Cirrus Logic EP7312 Datasheet HTML 4Page - Cirrus Logic EP7312 Datasheet HTML 5Page - Cirrus Logic EP7312 Datasheet HTML 6Page - Cirrus Logic EP7312 Datasheet HTML 7Page - Cirrus Logic EP7312 Datasheet HTML 8Page - Cirrus Logic EP7312 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
Nov ’03
DS506PP1
http://www.cirrus.com
High-Performance,
Low-Power System on Chip with
SDRAM and Enhanced Digital
Audio Interface
EP7311 Data Sheet
OVERVIEW
BLOCK DIAGRAM
FEATURES
(cont.)
(cont.)
I ARM720T Processor
—ARM7TDMI CPU
— 8 KB of four-way set-associative cache
— MMU with 64-entry TLB
— Thumb code support enabled
I Ultra low power
—90 mW at 74 MHz typical
—30 mW at 18 MHz typical
—10 mW in the Idle State
—<1 mW in the Standby State
I 48 KB of on-chip SRAM
I MaverickKey™ IDs
— 32-bit unique ID can be used for SDMI compliance
—128-bit random ID
I Dynamically programmable clock speeds of
18, 36, 49, and 74 MHz
LCD
Controller
Boot
ROM
MaverickKeyTM
ARM7TDMI CPU Core
MMU
8 KB
Cache
Write
Buffer
Internal Data Bus
EPB Bus
Memory Controller
SDRAM I/F
SRAM I/F
On-chip SRAM
48 KB
ICE-JTAG
Clocks &
Timers
Keypad&
Touch
Screen I/F
Interrupts,
PWM & GPIO
Bus
Bridge
(2) UARTs
w/ IrDA
Power
Management
Serial
Interface
Multimedia
Codec Port
ARM720T
MEMORY AND STORAGE
The Maverick™ EP7311 is designed for ultra-low-power
applications such as PDAs, smart cellular phones, and
industrial hand held information appliances. The core-
logic functionality of the device is built around an
ARM720T processor with 8 KB of four-way set-
associative unified cache and a write buffer. Incorporated
into the ARM720T is an enhanced memory management
unit (MMU) which allows for support of sophisticated
operating systems like Linux®.


Similar Part No. - EP7312

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7312-90 APEX-EP7312-90 Datasheet
549Kb / 4P
   Allows Faster than Real-Time Recording
EP7312-CB CIRRUS-EP7312-CB Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7312-CB-90 CIRRUS-EP7312-CB-90 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
More results

Similar Description - EP7312

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
   HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
CS89712 CIRRUS-CS89712 Datasheet
2Mb / 170P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
logo
ams AG
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
   Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com