Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT68P61A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NT68P61A
Description  8-Bit Microcontroller for Monitor (24K OTP ROM Type)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT68P61A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NT68P61A Datasheet HTML 3Page - List of Unclassifed Manufacturers NT68P61A Datasheet HTML 4Page - List of Unclassifed Manufacturers NT68P61A Datasheet HTML 5Page - List of Unclassifed Manufacturers NT68P61A Datasheet HTML 6Page - List of Unclassifed Manufacturers NT68P61A Datasheet HTML 7Page - List of Unclassifed Manufacturers NT68P61A Datasheet HTML 8Page - List of Unclassifed Manufacturers NT68P61A Datasheet HTML 9Page - List of Unclassifed Manufacturers NT68P61A Datasheet HTML 10Page - List of Unclassifed Manufacturers NT68P61A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
NT68P61A
7
Instruction Set List (continued)
Instruction Code
Meaning
Operation
JMP
Jump to new location
(PC+1)
→ PCL, (PC+2) → PCH
JSR
Jump to subroutine
PC + 2
↓, (P+1) → PCL, (PC+2) → PCH
LDA
Load accumulator with memory
M
→ A
LDX
Load Index register X with memory
M
→ X
LDY
Load Index register Y with memory
M
→ Y
LSR
Shift right one bit
0
→ M7 • • • M0 → C
NOP
No operation
No operation (2 cycles)
ORA
Logical OR
A + M
→ A
PHA
Push accumulator on stack
A
PHP
Push status register on stack
P
PLA
Pull accumulator from stack
A
PLP
Pull status register from stack
P
ROL
Rotate left through carry
C
← M7 • • • M0 ← C
ROR
Rotate right through carry
C
→ M7 • • • M0 → C
RTI
Return from interrupt
P
↑, PC ↑
RTS
Return from subroutine
PC
↑, PC+1 → PC
SBC
Subtract with borrow
A
− M − C → A, C
SEC
Set carry
1
→ C
SED
Set decimal mode
1
→ D
SEI
Set interrupt disable status
1
→ J
STA
Store accumulator in memory
A
→ M
STX
Store index register X in memory
X
→ M
STY
Store index register Y in memory
Y
→ M
TAX
Transfer accumulator to index X
A
→ X
TAY
Transfer accumulator to index Y
A
→ Y
TSX
Transfer stack pointer to index X
S
→ X
TXA
Transfer index X to accumulator
X
→ A
TXS
Transfer index X to stack Pointer
X
→ S
TYA
Transfer index Y to accumulator
Y
→ A
* Refer to 6502 programming data book for more details.


Similar Part No. - NT68P61A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68P62 ETC-NT68P62 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68P62U ETC-NT68P62U Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
More results

Similar Description - NT68P61A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
EM78P176N EMC-EM78P176N Datasheet
1Mb / 64P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com