Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW40N120T2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IKW40N120T2
Description  IGBT in 2nd generation TrenchStop with soft, fast recovery anti-parallel Emitter Controlled Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40N120T2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IKW40N120T2 Datasheet HTML 4Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 5Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 6Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 7Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 8Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 9Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 10Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 11Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
IKW40N120T2
TrenchStop
® 2nd Generation Series
IFAG IPC TD VLS
8
Rev. 2.4
23.09.2014
20A
40A
60A
0.0mJ
5.0mJ
10.0mJ
15.0mJ
20.0mJ
E
ts*
E
off
*) E
on and Etsinclude losses
due to diode recovery
E
on*




0.0 mJ
2.5 mJ
5.0 mJ
7.5 mJ
10.0 mJ
E
ts*
E
on*
*) E
on and Ets include losses
due to diode recovery
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses as
a function of collector current
(inductive load, TJ=175°C, VCE=600V,
VGE=0/15V, RG=12Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses as a
function of gate resistor
(inductive load, TJ=175°C, VCE=600V,
VGE=0/15V, IC=40A,
Dynamic test circuit in Figure E)
0°C
50°C
100°C
150°C
0.0mJ
2.5mJ
5.0mJ
7.5mJ
E
ts*
E
on*
*) E
on and Ets include losses
due to diode recovery
E
off
400V
500V
600V
700V
0.0mJ
2.5mJ
5.0mJ
7.5mJ
10.0mJ
E
ts*
E
on*
*) E
on and Ets include losses
due to diode recovery
E
off
TJ, JUNCTION TEMPERATURE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 15. Typical switching energy losses as
a function of junction temperature
(inductive load, VCE=600V, VGE=0/15V,
IC=40A, RG=12Ω,
Dynamic test circuit in Figure E)
Figure 16. Typical switching energy losses as
a function of collector emitter
voltage
(inductive load, TJ=175°C, VGE=0/15V,
IC=40A, RG=12Ω,
Dynamic test circuit in Figure E)


Similar Part No. - IKW40N120T2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N120T2 INFINEON-IKW40N120T2 Datasheet
380Kb / 15P
   Low Loss DuoPack : IGBT in 2nd generation TrenchStop
Rev. 2.2 Sep 08
More results

Similar Description - IKW40N120T2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW25N120T2 INFINEON-IKW25N120T2_13 Datasheet
464Kb / 15P
   IGBT in 2nd generation TrenchStop with soft, fast recovery anti-parallel Emitter Controlled Diode
Rev. 2.2 12.06.2013
IKW15N120T2 INFINEON-IKW15N120T2_13 Datasheet
477Kb / 15P
   IGBT in 2nd generation TrenchStop짰 technology with soft, fast recovery anti-parallel Emitter Controlled Diode
Rev. 2.2 12.06.2013
IHW40T60 INFINEON-IHW40T60_13 Datasheet
582Kb / 13P
   IGBT in TRENCHSTOP technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.1 10.12.2013
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA15N60T INFINEON-IKA15N60T_13 Datasheet
570Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB10N60T INFINEON-IKB10N60T_15 Datasheet
643Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
IKP15N60T INFINEON-IKP15N60T_15 Datasheet
516Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 11.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com