Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPAW60R190CE Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPAW60R190CE
Description  600V CoolMOS짧 CE Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAW60R190CE Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPAW60R190CE Datasheet HTML 1Page - Infineon Technologies AG IPAW60R190CE Datasheet HTML 2Page - Infineon Technologies AG IPAW60R190CE Datasheet HTML 3Page - Infineon Technologies AG IPAW60R190CE Datasheet HTML 4Page - Infineon Technologies AG IPAW60R190CE Datasheet HTML 5Page - Infineon Technologies AG IPAW60R190CE Datasheet HTML 6Page - Infineon Technologies AG IPAW60R190CE Datasheet HTML 7Page - Infineon Technologies AG IPAW60R190CE Datasheet HTML 8Page - Infineon Technologies AG IPAW60R190CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IPAW60R190CE
2016-03-31
Final Data Sheet
PG-TO220FullPAKWideCreepage
Drain
Pin 2, Tab
Gate
Pin 1
Source
Pin 3
MOSFET
600VCoolMOSªCEPowerTransistor
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.CoolMOS™CEisa
price-performanceoptimizedplatformenablingtotargetcostsensitive
applicationsinConsumerandLightingmarketsbystillmeetinghighest
efficiencystandards.Thenewseriesprovidesallbenefitsofafast
switchingSuperjunctionMOSFETwhilenotsacrificingeaseofuseand
offeringthebestcostdownperformanceratioavailableonthemarket.
Features
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Veryhighcommutationruggedness
•Easytouse/drive
•Pb-freeplating,Halogenfreemoldcompound
•Qualifiedforstandardgradeapplications
•Widedistanceof4.25mmbetweentheleads
Applications
PFCstages,hardswitchingPWMstagesandresonantswitchingstages
fore.g.PCSilverbox,Adapter,LCD&PDPTVandindoorlighting.
Pleasenote:ForMOSFETparallelingtheuseofferritebeadsonthegate
orseparatetotempolesisgenerallyrecommended.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
650
V
RDS(on),max
190
m
ID.
26.7
A
Qg.typ
63
nC
ID,pulse
59
A
Eoss@400V
5.2
µJ
Type/OrderingCode
Package
Marking
RelatedLinks
IPAW60R190CE
PG - TO220 FullPAK
WideCreepage
60S190CE
see Appendix A


Similar Part No. - IPAW60R190CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPAW60R180P7S INFINEON-IPAW60R180P7S Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-01
More results

Similar Description - IPAW60R190CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R2K1CE INFINEON-IPD60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPD60R1K5CE INFINEON-IPD60R1K5CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPA60R800CE INFINEON-IPA60R800CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-08-08
IPA60R460CE INFINEON-IPA60R460CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPA60R400CE INFINEON-IPA60R400CE_16 Datasheet
1Mb / 17P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPAW60R280CE INFINEON-IPAW60R280CE Datasheet
1,012Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPN60R1K0CE INFINEON-IPN60R1K0CE Datasheet
1Mb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPS60R800CE INFINEON-IPS60R800CE Datasheet
948Kb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
IPAW60R600CE INFINEON-IPAW60R600CE Datasheet
985Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPU60R2K1CE INFINEON-IPU60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPU60R1K5CE INFINEON-IPU60R1K5CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com