Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA086N10N3G_1508 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPA086N10N3G_1508
Description  OptiMOS??Power-Transistor, 100V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA086N10N3G_1508 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPA086N10N3G_1508 Datasheet HTML 1Page - Infineon Technologies AG IPA086N10N3G_1508 Datasheet HTML 2Page - Infineon Technologies AG IPA086N10N3G_1508 Datasheet HTML 3Page - Infineon Technologies AG IPA086N10N3G_1508 Datasheet HTML 4Page - Infineon Technologies AG IPA086N10N3G_1508 Datasheet HTML 5Page - Infineon Technologies AG IPA086N10N3G_1508 Datasheet HTML 6Page - Infineon Technologies AG IPA086N10N3G_1508 Datasheet HTML 7Page - Infineon Technologies AG IPA086N10N3G_1508 Datasheet HTML 8Page - Infineon Technologies AG IPA086N10N3G_1508 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOSFET
MetalOxideSemiconductorFieldEffectTransistor
OptiMOS™Power-Transistor,100V
OptiMOS™3Power-Transistor
IPA086N10N3G
DataSheet
Rev.2.4
Final
PowerManagement&Multimarket


Similar Part No. - IPA086N10N3G_1508

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA086N10N3G INFINEON-IPA086N10N3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
2. September 2015
More results

Similar Description - IPA086N10N3G_1508

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD19DP10NM INFINEON-IPD19DP10NM Datasheet
1Mb / 11P
   OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
IPP330P10NM INFINEON-IPP330P10NM Datasheet
1Mb / 11P
   OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
IPD18DP10LM INFINEON-IPD18DP10LM Datasheet
1Mb / 11P
   OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
BSZ160N10NS3 INFINEON-BSZ160N10NS3 Datasheet
495Kb / 10P
   OptiMOS??Power-Transistor, 100V
Rev. 2.1 2015-09-17
ISP98DP10LM INFINEON-ISP98DP10LM Datasheet
1Mb / 11P
   OptiMOS Power-Transistor,-100V
Rev.2.0, 2021-05-10
IPB19DP10NM INFINEON-IPB19DP10NM Datasheet
1Mb / 11P
   OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
IPD11DP10NM INFINEON-IPD11DP10NM Datasheet
1Mb / 11P
   OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
ISP16DP10LM INFINEON-ISP16DP10LM Datasheet
1Mb / 11P
   OptiMOS Power-Transistor,-100V
Rev.2.0, 2021-05-10
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com