Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD20P06L-1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD20P06L-1
Description  Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD20P06L-1 Datasheet(HTML) 4 Page - ON Semiconductor

  NTD20P06L-1 Datasheet HTML 1Page - ON Semiconductor NTD20P06L-1 Datasheet HTML 2Page - ON Semiconductor NTD20P06L-1 Datasheet HTML 3Page - ON Semiconductor NTD20P06L-1 Datasheet HTML 4Page - ON Semiconductor NTD20P06L-1 Datasheet HTML 5Page - ON Semiconductor NTD20P06L-1 Datasheet HTML 6Page - ON Semiconductor NTD20P06L-1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTD20P06L, NTDV20P06L
http://onsemi.com
4
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
−10
−50
5
10
15
20
25
GATE−TO−SOURCE OR DRAIN−TO−SOURCE
VOLTAGE (V)
Figure 7. Capacitance Variation
VGS = 0 V
VDS = 0 V
TJ = 25°C
Ciss
Coss
Crss
Ciss
Crss
−VGS
−VDS
0
1.25
2.5
3.75
5.0
6.25
7.5
04
8
12
16
0
10
20
30
40
50
60
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate−to−Source and Drain−to−Source Voltage versus Total Charge
QG
QGD
Qgs
VDS
VGS
ID = −15 A
TJ = 25°C
1
10
100
1000
1
10
100
tR
tF
td(off)
td(on)
VDD = −30 V
ID = −15 A
VGS = −5 V
Rg, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
0
5
10
15
20
0
0.25
0.5
0.75
1
1.25
1.5 1.75
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 10. Diode Forward Voltage versus
Current
VGS = 0 V
TJ = 25°C


Similar Part No. - NTD20P06L-1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD20P06L-1G VBSEMI-NTD20P06L-1G Datasheet
939Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - NTD20P06L-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTD2955 ONSEMI-NTD2955_V01 Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NVD2955T4G ONSEMI-NVD2955T4G Datasheet
124Kb / 8P
   ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
   Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
   Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
   Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
   Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com