Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD60R380C6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD60R380C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R380C6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD60R380C6 Datasheet HTML 1Page - Infineon Technologies AG IPD60R380C6 Datasheet HTML 2Page - Infineon Technologies AG IPD60R380C6 Datasheet HTML 3Page - Infineon Technologies AG IPD60R380C6 Datasheet HTML 4Page - Infineon Technologies AG IPD60R380C6 Datasheet HTML 5Page - Infineon Technologies AG IPD60R380C6 Datasheet HTML 6Page - Infineon Technologies AG IPD60R380C6 Datasheet HTML 7Page - Infineon Technologies AG IPD60R380C6 Datasheet HTML 8Page - Infineon Technologies AG IPD60R380C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AL>EI
ZSX )
D>NB
ZSX (
MJOL@B
ZSX *
-''H 6YYV@BEc 6- CY`O[ F[KX\S\]Y[
=C7-'D*/'6-# =C=-'D*/'6-
=C5-'D*/'6-# =CC-'D*/'6-
36.*$7',$/*
@\aT_>TgT L[XXg
,
KXi( ,(*,**3'*2',1
%
0BM@LEKNEJI
=bb_GILo \f T eXib_hg\baTel gXV[ab_bZl Ybe [\Z[ ib_gTZX cbjXe
GIL@?Mf& WXf\ZaXW TVVbeW\aZ gb g[X fhcXe]haVg\ba #LD$ ce\aV\c_X TaW
c\baXXeXW Ul CaY\aXba MXV[ab_bZ\Xf( =bb_GILo =0 fXe\Xf Vb`U\aXf
g[X XkcXe\XaVX bY g[X _XTW\aZ LD GIL@?M fhcc_\Xe j\g[ [\Z[ V_Tff
\aabiTg\ba( M[X eXfh_g\aZ WXi\VXf cebi\WX T__ UXaXY\gf bY T YTfg fj\gV[\aZ
LD GIL@?M j[\_X abg fTVe\Y\V\aZ XTfX bY hfX( ?kgeX`X_l _bj fj\gV[\aZ
TaW VbaWhVg\ba _bffXf `T^X fj\gV[\aZ Tcc_\VTg\baf XiXa `beX XYY\V\Xag&
`beX Vb`cTVg& _\Z[gXe& TaW Vbb_Xe(
1B>NOLBM
n
?kgeX`X_l _bj _bffXf WhX gb iXel _bj @IG KKXUT$BN TaW ?UXX
n
OXel [\Z[ Vb``hgTg\ba ehZZXWaXff
n
?Tfl gb hfX)We\iX
_
>8786*# dhT_\Y\XW& JU'YeXX c_Tg\aZ& BT_bZXa YeXX+#
.KKGE@>NEJIM
J@= fgTZXf& [TeW fj\gV[\aZ JPG fgTZXf TaW eXfbaTag fj\gV[\aZ JPG
fgTZXf Ybe X(Z( J= L\_iXeUbk& ;WTcgXe& F=> " J>J MO& F\Z[g\aZ& LXeiXe&
ELRLJUS
and NJL(
(61-=1 89>1" $9< &'*$#+ ;-<-6616583 >41 ?=1 92 21<<5>1 .1-0= 98 >41 3->1
9< =1;-<->1 >9>17 ;961= 5= 3181<-66@ <1/97718010!
+$ D'LM>,* TaW D?L>,,
,$ ab JA'Mb,/,
FKLVO (
>Ob CO[PY[WKXMO CK[KWO]O[\
6>L>HBNBL
<>GOB
;IEN
'
7D 9 &Q%SH\
/.)
F
%
7D"UT#%SH\
)',1
!
$
N%Y]V
,+
T6
#
7%VZRXL
,)
4
"
UXX 9 .**O
,(2
rD
<bWl W\bWX W
)(K*
.))
4(aX
FbZO & B[NO[SXQ 6YNO
CKMUKQO
@K[USXQ
DOVK]ON ?SXU\
=A7/)C,1)6/
A;&E@+.+
C@Q =0 JebWhVg <e\XY
=A=/)C,1)6/
A;&E@+/+
=@Q =0 JbegYb_\b
=A5/)C,1)6/
A;&E@+/,
/C,1)6/
C@Q =bb_GIL PXUcTZX
=AA/)C,1)6/
A;&E@++)
C@Q >Xf\Za gbb_f
CJ;0*K-2*=0
JA'MI,,* @h__J;E
Rev. 2.2, 2014-12-09


Similar Part No. - IPD60R380C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R380C6 INFINEON-IPD60R380C6 Datasheet
2Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2009-08-27
logo
Inchange Semiconductor ...
IPD60R380C6 ISC-IPD60R380C6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPD60R380C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com