Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW60R280E6 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPW60R280E6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R280E6 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPW60R280E6 Datasheet HTML 5Page - Infineon Technologies AG IPW60R280E6 Datasheet HTML 6Page - Infineon Technologies AG IPW60R280E6 Datasheet HTML 7Page - Infineon Technologies AG IPW60R280E6 Datasheet HTML 8Page - Infineon Technologies AG IPW60R280E6 Datasheet HTML 9Page - Infineon Technologies AG IPW60R280E6 Datasheet HTML 10Page - Infineon Technologies AG IPW60R280E6 Datasheet HTML 11Page - Infineon Technologies AG IPW60R280E6 Datasheet HTML 12Page - Infineon Technologies AG IPW60R280E6 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
600V CoolMOS" E6 Power Transistor
IPx60R280E6
Electrical characteristics diagrams
Final Data Sheet
9
Rev. 2.2, 2014-12-09
Table 11
Safe operating area TC=25 °C
TO-220, TO-247, TO-262, TO-263
Safe operating area TC=25 °C
TO-220 FullPAK
ID=f(VDS); TC=25 °C; D=0; parameter tp
ID=f(VDS); TC=25 °C; D=0; parameter tp
Table 12
Safe operating area T
C=80 °C
TO-220, TO-247, TO-262, TO-263
Safe operating area T
C=80 °C
TO-220 FullPAK
ID=f(VDS); TC=80 °C; D=0; parameter tp
ID=f(VDS); TC=80 °C; D=0; parameter tp


Similar Part No. - IPW60R280E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280E6 INFINEON-IPW60R280E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
logo
Inchange Semiconductor ...
IPW60R280E6 ISC-IPW60R280E6 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPW60R280E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com