Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA60R250CP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPA60R250CP
Description  CoolMOS짰 Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R250CP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPA60R250CP Datasheet HTML 2Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 3Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 4Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 5Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 6Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 7Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 8Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 9Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IPA60R250CP
13 Typ. capacitances
14 Typ. Coss stored energy
C =f(V DS); V GS=0 V; f =1 MHz
E oss= f(V DS)
0
2
4
6
8
10
0
100
200
300
400
500
600
V DS [V]
Ciss
Coss
Crss
10
5
10
4
10
3
10
2
10
1
10
0
0
100
200
300
400
500
V DS [V]
Rev.2.
1
page 7
20
12-01-09


Similar Part No. - IPA60R250CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R250CP INFINEON-IPA60R250CP Datasheet
560Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.0
logo
Inchange Semiconductor ...
IPA60R250CP ISC-IPA60R250CP Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA60R250CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R199CP INFINEON-IPP60R199CP_11 Datasheet
385Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.3 2011-12-20
SPB17N80C3 INFINEON-SPB17N80C3_11 Datasheet
432Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.5 2011-09-27
IPW60R199CP INFINEON-IPW60R199CP_14 Datasheet
607Kb / 11P
   CoolMOS짰 Power Transistor
Rev. 2.4 2014-04-29
IPI60R199CP INFINEON-IPI60R199CP_11 Datasheet
394Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2011-12-20
IPB60R199CP INFINEON-IPB60R199CP_11 Datasheet
366Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2011-12-20
IPP60R199CP INFINEON-IPP60R199CP_07 Datasheet
297Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2007-10-25
IPA60R199CP INFINEON-IPA60R199CP_11 Datasheet
405Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2011-12-20
IPW80R290C3A INFINEON-IPW80R290C3A Datasheet
215Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.0 2009-03-24
SPB17N80C3 INFINEON-SPB17N80C3_07 Datasheet
326Kb / 10P
   CoolMOS짰 Power Transistor Features new revolutionary high voltage technology
Rev. 2.3 2007-11-28
IPW60R165CP INFINEON-IPW60R165CP_08 Datasheet
591Kb / 11P
   CoolMOS짰 Power Transistor Features Lowest figure-of-merit RONxQg Ultra low gate charge
Rev. 2.2 2008-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com