Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA60R190C6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPA60R190C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R190C6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPA60R190C6 Datasheet HTML 1Page - Infineon Technologies AG IPA60R190C6 Datasheet HTML 2Page - Infineon Technologies AG IPA60R190C6 Datasheet HTML 3Page - Infineon Technologies AG IPA60R190C6 Datasheet HTML 4Page - Infineon Technologies AG IPA60R190C6 Datasheet HTML 5Page - Infineon Technologies AG IPA60R190C6 Datasheet HTML 6Page - Infineon Technologies AG IPA60R190C6 Datasheet HTML 7Page - Infineon Technologies AG IPA60R190C6 Datasheet HTML 8Page - Infineon Technologies AG IPA60R190C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
600V CoolMOSTM C6 Power Transistor
IPx60R190C6
Maximum ratings
2
Maximum ratings
at Tj = 25 °C, unless otherwise specified.
Table 2
Maximum ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Continuous drain current
1)
ID
-
-
20.2
A
TC
= 25 °C
12.8
TC= 100°C
Pulsed drain current
2)
ID,pulse
-
-
59
A
TC=25 °C
Avalanche energy, single pulse
EAS
-
-
418
mJ
ID
=3.4 A,VDD=50 V
(see table 21)
Avalanche energy, repetitive
EAR
-
-
0.63
ID
=3.4 A,VDD=50 V
Avalanche current, repetitive
IAR
-
-
3.4
A
MOSFET dv/dt ruggedness
dv/dt
-
-
50
V/ns
VDS=0...480 V
Gate source voltage
VGS
- 20
-
20
V
static
- 30
30
AC (f>1 Hz)
Power dissipation for
TO-220, TO-247, TO-262, TO-263
Ptot
-
-
151
W
TC
=25 °C
Power dissipation for
TO-220 FullPAK
Ptot
-
-
34
Operating and storage temperature
Tj
,Tstg
- 55
-
150
°C
Mounting torque
TO-220, TO-247
-
-
60
Ncm
M3 and M3.5 screws
Mounting torque
TO-220 FullPAK
50
M2.5 screws
Continuous diode forward current
IS
-
-
17.5
A
TC
=25 °C
Diode pulse current
2)
IS,pulse
-
-
59
A
TC
=25 °C
Reverse diode dv/dt
3)
dv/dt
-
-
15
V/ns VDS=0...400 V,ISD
& ID,
Tj
=25 °C
(see table 22)
Maximum diode
commutation speed
3)
dif/dt
-
-
500
A/µs
Insulation withstand voltage
TO-220 FullPAK
VISO
-
-
2500
V
VRMS, TC =25 °C, t = 1 min
1) Limited by Tj,max. Maximum duty cycle D=0.75
2) Pulse widthtp limited by Tj,max
3) Identical low side and high side switch with identical RG
Final Data Sheet
4
Rev. 2.2, 2014-12-02


Similar Part No. - IPA60R190C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R190C6 INFINEON-IPA60R190C6 Datasheet
2Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.1, 2010-02-09
logo
Inchange Semiconductor ...
IPA60R190C6 ISC-IPA60R190C6 Datasheet
316Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPA60R190C6 INFINEON-IPA60R190C6 Datasheet
1Mb / 19P
   600V CoolMOS C6 Power Transistor
Rev. 2.3 2018-02-26
More results

Similar Description - IPA60R190C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com