Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA057N08N3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPA057N08N3G
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA057N08N3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPA057N08N3G_15 Datasheet HTML 1Page - Infineon Technologies AG IPA057N08N3G_15 Datasheet HTML 2Page - Infineon Technologies AG IPA057N08N3G_15 Datasheet HTML 3Page - Infineon Technologies AG IPA057N08N3G_15 Datasheet HTML 4Page - Infineon Technologies AG IPA057N08N3G_15 Datasheet HTML 5Page - Infineon Technologies AG IPA057N08N3G_15 Datasheet HTML 6Page - Infineon Technologies AG IPA057N08N3G_15 Datasheet HTML 7Page - Infineon Technologies AG IPA057N08N3G_15 Datasheet HTML 8Page - Infineon Technologies AG IPA057N08N3G_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IPA057N08N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
3570
4750
pF
Output capacitance
C oss
-
963
1280
Reverse transfer capacitance
C rss
-
36
-
Turn-on delay time
t d(on)
-
17
-
ns
Rise time
t r
-
42
-
Turn-off delay time
t d(off)
-
36
-
Fall time
t f
-
9
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
18
-
nC
Gate to drain charge
Q gd
-
10
-
Switching charge
Q sw
-
18
-
Gate charge total
Q g
-
52
69
Gate plateau voltage
V plateau
-
5.0
-
V
Output charge
Q oss
V DD=40 V, V GS=0 V
-
70
93
nC
Reverse Diode
Diode continous forward current
I S
-
-
60
A
Diode pulse current
I S,pulse
-
-
240
Diode forward voltage
V SD
V GS=0 V, I F=60 A,
T j=25 °C
-
1.0
1.2
V
Reverse recovery time
t rr
-
64
-
ns
Reverse recovery charge
Q rr
-
121
-
nC
5) See figure 16 for gate charge parameter definition
V R=40 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=40 V,
f =1 MHz
V DD=40 V, V GS=10 V,
I D=60 A, R G,ext=1.6 W
V DD=40 V, I D=60 A,
V GS=0 to 10 V
Rev. 2.2
page 3
2015-08-2
7


Similar Part No. - IPA057N08N3G_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA057N08N3G INFINEON-IPA057N08N3G Datasheet
286Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-20
More results

Similar Description - IPA057N08N3G_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com