Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA057N08N3G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IPA057N08N3G
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA057N08N3G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPA057N08N3G Datasheet HTML 2Page - Infineon Technologies AG IPA057N08N3G Datasheet HTML 3Page - Infineon Technologies AG IPA057N08N3G Datasheet HTML 4Page - Infineon Technologies AG IPA057N08N3G Datasheet HTML 5Page - Infineon Technologies AG IPA057N08N3G Datasheet HTML 6Page - Infineon Technologies AG IPA057N08N3G Datasheet HTML 7Page - Infineon Technologies AG IPA057N08N3G Datasheet HTML 8Page - Infineon Technologies AG IPA057N08N3G Datasheet HTML 9Page - Infineon Technologies AG IPA057N08N3G Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IPA057N08N3 G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 W
V GS=f(Q gate); I D=60 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
20 V
40 V
60 V
0
2
4
6
8
10
12
0
20
40
60
Q
gate [nC]
60
65
70
75
80
85
90
-60
-20
20
60
100
140
180
T
j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
1
10
100
0.1
1
10
100
1000
t
AV [µs]
Rev. 2.2
page 7
2015-08-2
7


Similar Part No. - IPA057N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA057N08N3G INFINEON-IPA057N08N3G Datasheet
286Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-20
More results

Similar Description - IPA057N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com