Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA50R280CE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPA50R280CE
Description  500V CoolMOS짧 CE Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA50R280CE Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPA50R280CE_16 Datasheet HTML 3Page - Infineon Technologies AG IPA50R280CE_16 Datasheet HTML 4Page - Infineon Technologies AG IPA50R280CE_16 Datasheet HTML 5Page - Infineon Technologies AG IPA50R280CE_16 Datasheet HTML 6Page - Infineon Technologies AG IPA50R280CE_16 Datasheet HTML 7Page - Infineon Technologies AG IPA50R280CE_16 Datasheet HTML 8Page - Infineon Technologies AG IPA50R280CE_16 Datasheet HTML 9Page - Infineon Technologies AG IPA50R280CE_16 Datasheet HTML 10Page - Infineon Technologies AG IPA50R280CE_16 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
500VCoolMOSªCEPowerTransistor
IPA50R280CE
Rev.2.4,2016-07-12
Final Data Sheet
Typ.outputcharacteristicsTj=25°C
VDS[V]
0
5
10
15
20
0
10
20
30
40
50
60
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Typ.outputcharacteristicsTj=125°C
VDS[V]
0
5
10
15
20
0
5
10
15
20
25
30
35
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=125°C;parameter:VGS
Typ.drain-sourceon-stateresistance
ID[A]
0
10
20
30
40
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
5 V
5.5 V
6 V
6.5 V
7 V
10 V
RDS(on)=f(ID);Tj=125°C;parameter:VGS
Drain-sourceon-stateresistance
Tj[°C]
-50
-25
0
25
50
75
100
125
150
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
98%
typ
RDS(on)=f(Tj);ID=4.2A;VGS=13V


Similar Part No. - IPA50R280CE_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R280CE INFINEON-IPA50R280CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2
More results

Similar Description - IPA50R280CE_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPN50R1K4CE INFINEON-IPN50R1K4CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPP50R380CE INFINEON-IPP50R380CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
IPA50R380CE INFINEON-IPA50R380CE_16 Datasheet
953Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPD50R280CE INFINEON-IPD50R280CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPU50R2K0CE INFINEON-IPU50R2K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPAN50R500CE INFINEON-IPAN50R500CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPA50R800CE INFINEON-IPA50R800CE_16 Datasheet
962Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com