Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMK105BJ474MH-R Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # AMK105BJ474MH-R
Description  High Value Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AMK105BJ474MH-R Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  AMK105BJ474MH-R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AMK105BJ474MH-R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16SC04
RoHS compliance product
○AMK105BJ474MH
4V 1005 X5R 0.47uF +/- 20% t=0.15mmMAX
4V 0402 X5R 0.47uF +/- 20% t=0.006inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.01
0.1
1
10
100
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
AMK105BJ474MH
Ca pa cita nce Freq.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0
1
2
3
4
DC Bia s Volta ge[V]
AMK105BJ474MH
DC Bia s Cha r.
0.001
0.01
0.1
1
10
100
1000
10000
100000
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
AMK105BJ474MH
Impeda nce,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
Tempera ture[degreeC]
AMK105BJ474MH
Ca pa cita nce Temp.


Similar Part No. - AMK105BJ474MH-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
AMK105BJ105ME-R TAIYO-YUDEN-AMK105BJ105ME-R Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK105BJ225KV8F TAIYO-YUDEN-AMK105BJ225KV8F Datasheet
418Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
AMK105BJ225KVHF TAIYO-YUDEN-AMK105BJ225KVHF Datasheet
276Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
AMK105BJ225MP-F TAIYO-YUDEN-AMK105BJ225MP-F Datasheet
805Kb / 28P
   Multilayer Ceramic Capacitors (High dielectric type)
AMK105BJ225MV8F TAIYO-YUDEN-AMK105BJ225MV8F Datasheet
418Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Similar Description - AMK105BJ474MH-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK063BJ223MP-F TAIYO-YUDEN-JMK063BJ223MP-F Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK316BBJ157ML-T TAIYO-YUDEN-AMK316BBJ157ML-T Datasheet
265Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK021BJ223MK-W TAIYO-YUDEN-AMK021BJ223MK-W Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK325ABJ227MM-P TAIYO-YUDEN-AMK325ABJ227MM-P Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK325AC6157MM-P TAIYO-YUDEN-AMK325AC6157MM-P Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
LMK316BJ106ML-T TAIYO-YUDEN-LMK316BJ106ML-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors
TMK212BJ225KG-T TAIYO-YUDEN-TMK212BJ225KG-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
AMK432BJ477MM-T TAIYO-YUDEN-AMK432BJ477MM-T Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
LMK316BJ106MD-T TAIYO-YUDEN-LMK316BJ106MD-T Datasheet
331Kb / 2P
   High Value Multilayer Ceramic Capacitors
GMK212BBJ475KD-T TAIYO-YUDEN-GMK212BBJ475KD-T Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
EMK021BJ102KK-W TAIYO-YUDEN-EMK021BJ102KK-W Datasheet
290Kb / 2P
   High Value Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com