Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP999 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP999
Description  PIN Sili con Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP999 Datasheet(HTML) 2 Page - OPTEK Technologies

  OP999 Datasheet HTML 1Page - OPTEK Technologies OP999 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type OP999
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
IL
Reverse Light Current
6.5
15
µA
VR = 5 V, Ee = 0.25 mW/cm
2(3)
ID
Reverse Dark Current
1
60
nA
VR = 30 V, Ee = 0
V(BR)
Reverse Breakdown Voltage
60
V
IR = 100
µA
VF
Forward Voltage
1.2
V
IF = 1 mA
CT
Total Capacitance
4
pF
VR = 20 V, Ee = 0, f = 1.0 MHz
tr, tf
Rise Time, Fall Time
5
ns
VR = 20 V,
λ= 850 nm, RL = 50 Ω
Typical Performance Curves
Light Current vs. Irradiance
Switching Time Test Circuit
Light Current vs. Angular
Displacement
θ - Angular Displacement - Deg.
Test
Conditions:
λ= 935 nm
VR = 5 V
Ee - Irradiance - mW/cm
2
Normalized Light Current vs
Reverse Voltage
Total Capacitance vs
Reverse Voltage
VR - Reverse Voltage - V
VR - Reverse Voltage - V
TA = 25
o C
λ= 935 nm
Normalized to VR = 5 V
TA = 25
o C
Ee = 0 mW/cm
2
f = 1 MHz
VR = 5 V
TA = 25
o C
λ= 890 nm
Normalized Light and Dark
Current vs Ambient Temperature
TA - Ambient Temperature -
oC
VR = 5 V
λ= 890 nm
Normalized to
TA = 25
o C
Dark Current
Light Current
3-67


Similar Part No. - OP999

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP999 TTELEC-OP999 Datasheet
1,012Kb / 5P
   Pin Silicon Photodiode
More results

Similar Description - OP999

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP950 OPTEK-OP950 Datasheet
717Kb / 2P
   PIN Sili con Pho todiode
OP954 OPTEK-OP954 Datasheet
701Kb / 2P
   PIN Sili con Pho todiode
OP993 OPTEK-OP993 Datasheet
723Kb / 2P
   PIN Sili con Pho todiode
OP905 OPTEK-OP905 Datasheet
494Kb / 2P
   PIN Sili con Pho todiode
OP955 OPTEK-OP955 Datasheet
710Kb / 2P
   PIN Sili con Pho todiode
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
   PIN Photodiode
logo
Panasonic Semiconductor
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
   PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
   PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com