Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9254 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS9254
Description  High Precision PSR Constant Current LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9254 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS9254 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9254 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9254 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9254 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9254 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9254 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9254 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9254 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@WinsemiMicroelectronics Co.,Ltd.,All rightreserved.
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
1208
WS9254ProductDescription
Features
Built-in600V Power MOSFET
Constant current control without secondary sense and
feedback circuit.
±3% LED current accuracy
Ultra low operating current to improve efficiency
High resistance feedback resistor to improve efficiency
Universal input voltage
LED short and open circuit protection
VCC under-voltage protection
Feedback loop short circuit protection
Current sense resistor open circuit protection
Over temperature protection
No external loop compensation component required
Available in DIP-7 package
Applications
LED bulb, spot light
OtherLED lighting
Description
The WS9254 is a high precision primary-side
feedback and regulation controller for LED lighting, it
operates in constant current control mode and is designed
to work in inductor current discontinuous conduction mode
and extremely suitable for flyback convertor under
universal input, the output power of system should be less
than 12W.
The WS9254integrates 600V power MOSFET. Since
adopting primary sense and feedback control technology,
the secondary sense and feedback circuit is eliminated.
The loop compensation components are also removed
while maintaining stability overall operating conditions. The
low component counts and low BOM cost are realized.
Since using the proprietary high accurate current
sense method, theWS9254 realizes ±3% accuracy of LED
current along with excellent line regulation and load
regulation.
The WS9254 offers rich protection functions including
LED short circuit protection, LED open circuit protection,
die over-temperature protection, VCC over voltage
protection, VCC under voltage protection and FB short
circuit
protection. All
the
protection
features
are
auto-recovery.
Typical Application
High Precision PSR Constant Current LED Driver


Similar Part No. - WS9254

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
   High Precision PSR Constant Current LED Driver
WS9254D7P WINSEMI-WS9254D7P Datasheet
598Kb / 8P
   High Precision PSR Constant Current LED Driver
More results

Similar Description - WS9254

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
   High Precision PSR LED Constant Current Driver
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
   High Precision PSR Constant Current LED Driver
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
   High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9252 ETC2-WS9252 Datasheet
561Kb / 8P
   High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com