Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9442 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WS9442
Description  Non-isolated Buck Offline LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9442 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WS9442 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9442 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9442 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9442 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9442 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9442 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9442 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9442 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS9442 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/9
WS9442 Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Function Description
The WS9442 is a high performance non-isolated buck
converter specially designed for LED lighting. The device
integrates a 500V power MOSFET. With the help of
advanced constant current control and gate drive technology,
the
converter
achieves
excellent
constant
current
performance with very few external components. It does not
need auxiliary winding for powering the IC or voltage sensing,
hence the system size and cost is greatly reduced.
Start Up
After system powered on, the VCC pin capacitor is
charged up by the start up resistor. When the VCC pin
voltage reaches the turn on threshold, the internal circuits
start operating. The WS9442 integrates a 17V ZENER diode
to clamp the VCC voltage. Due to the ultra-low operating
current, the auxiliary winding is not needed to supply the IC.
The typical value of the start-up current is 200uA (the
maximum value is 300uA). For the application of 176VAC—
264VAC, the start-up resistor can be calculated by the
equation:
_
_
1.414 176 1.414
820
300
IN MIN
ST
ST MAX
V
R
K
I
Two resistors in 1206 size SMD can be used in series.
VCC Capacitor Selection
The Vcc capacitor is used to bypass noise to IC, so that
to assure its stable operation, and should be as close as
possible to the chip.
A 1uF capacitor can be used in Vcc. If selecting MLCC,
the material of X7R will be used to satisfy the stability of the
capacity under high temperatures. Due to external damage
resulted from small volume and brittle texture of MLCC, the
Vcc is easy to leakage currents, which will make the WS9442
unable to start. Strict control measures are taken in its layout
and productive process.
Constant Current Control
The WS9442 utilizes proprietary current control method.
It can achieve precise LED output current with a few external
components. Cycle by Cycle current sense is adopted in
WS9442, the CS pin is connected to the current sense
comparator, and the voltage on CS pin is compared with the
internal 400mV reference voltage. The MOSFET will be
switched off when the voltage on CS pin reaches the threshold.
The CS comparator includes a 350ns leading edge blanking
time.
The peak inductor current is calculated by the equation:
)
(
400
mA
R
I
CS
PK
Where, RCS is the current sense resistor value.
The current in LED can be calculated by the equation:
)
(
2
mA
I
I
PK
LED
Where, IPK is the peak current of the inductor.
Freewheeling Diode
The diode will bear the reverse voltage equal to the input
voltage when the MOSFET is on. A 600V diode was
suggested to use. Besides, the operating frequency of
freewheeling diode is from 20K to 120 KHz, such ultra fast
recovery diodes as ES and ER whose Trr is less than 50ns are
good choice.
Input Electrolytic Capacitor
Input voltage should be considered in to the capacitor
pressure, and the common value is 400V.
In general, the capacity design can be calculated by the
following empirical equations:
90Vac~264Vac: 1W output uses1uF
buck electrolytic
capacitor;
176Vac~264Vac: 1W output uses 0.5uF buck electrolytic
capacitor.
Output Capacitor
Electrolytic capacitor is recommended to be used. Its
stable capacitance can improve the efficiency of power supply,
the LED ripple current and luminous efficiency.
Vovp voltage should be considered in output capacitor
pressure.
Inductor Selection


Similar Part No. - WS9442

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9442 WINSEMI-WS9442 Datasheet
588Kb / 9P
   Non-isolated Buck Offline LED Driver
WS9442D7P WINSEMI-WS9442D7P Datasheet
588Kb / 9P
   Non-isolated Buck Offline LED Driver
logo
List of Unclassifed Man...
WS9442P ETC2-WS9442P Datasheet
852Kb / 9P
   Non-isolated Buck Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS9442P WINSEMI-WS9442P Datasheet
852Kb / 9P
   Non-isolated Buck Offline LED Driver
logo
List of Unclassifed Man...
WS9442PD7P ETC2-WS9442PD7P Datasheet
852Kb / 9P
   Non-isolated Buck Offline LED Driver
More results

Similar Description - WS9442

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9442P WINSEMI-WS9442P Datasheet
852Kb / 9P
   Non-isolated Buck Offline LED Driver
logo
Unisonic Technologies
USL3533K UTC-USL3533K Datasheet
199Kb / 6P
   NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP2836D BPS-BP2836D Datasheet
196Kb / 2P
   Non-isolated Buck Offline LED Driver
BP2857D BPS-BP2857D Datasheet
272Kb / 2P
   Non-isolated Buck Offline LED Driver
BP2866XJ BPS-BP2866XJ Datasheet
242Kb / 2P
   Non-isolated Buck Offline LED Driver
BP9911CB BPS-BP9911CB Datasheet
252Kb / 2P
   Non-isolated Buck Offline LED Driver
BP9918C BPS-BP9918C Datasheet
216Kb / 2P
   Non-isolated Buck Offline LED Driver
BP2833A BPS-BP2833A Datasheet
423Kb / 8P
   Non-isolated Buck Offline LED Driver
BP9916B BPS-BP9916B Datasheet
413Kb / 8P
   Non-isolated Buck Offline LED Driver
Rev.1.0
logo
Shenzhen Winsemi Microe...
WS3441A WINSEMI-WS3441A Datasheet
505Kb / 8P
   Non-isolated Buck Offline LED Driver
WS3441 WINSEMI-WS3441 Datasheet
610Kb / 10P
   Non-isolated Buck Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com