Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOCH_SERIES Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # AOCH_SERIES
Description  Fully Encapsulated Plastic Case
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AOCH_SERIES Datasheet(HTML) 3 Page - Arch Electronics Corp.

  AOCH_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AOCH_SERIES Datasheet HTML 2Page - Arch Electronics Corp. AOCH_SERIES Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VER : A_6
update : 2011.01.04
AC-DC Power Module
AOCH SERIES
4 Watts
MECHANICAL DIMENSION
( Top View )
PIN#
Single
Dual
1
+Vo
+Vo
2
GND
COM
3
NC
+Vr
4
AC IN (L)
AC IN (L)
5
AC IN (N)
AC IN (N)
6
NC
NC
DERATING
BLOCK DIAGRAM


Similar Part No. - AOCH_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AOCH-12S ARCH-AOCH-12S Datasheet
199Kb / 3P
   AC-DC Power Module
AOCH-12S ARCH-AOCH-12S Datasheet
343Kb / 3P
   Switching Power Module for PCB Mountable
AOCH-14S ARCH-AOCH-14S Datasheet
199Kb / 3P
   AC-DC Power Module
AOCH-14S ARCH-AOCH-14S Datasheet
343Kb / 3P
   Switching Power Module for PCB Mountable
AOCH-15S ARCH-AOCH-15S Datasheet
199Kb / 3P
   AC-DC Power Module
More results

Similar Description - AOCH_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
   Fully Encapsulated Plastic Case
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
MSC_SERIES ARCH-MSC_SERIES Datasheet
257Kb / 3P
   Fully Encapsulated Plastic Case
MTC_SERIES ARCH-MTC_SERIES Datasheet
249Kb / 3P
   Fully Encapsulated Plastic Case
logo
Minmax Technology Co., ...
AAF-03 MINMAX-AAF-03 Datasheet
476Kb / 3P
   Fully Encapsulated Plastic Case for PCB Mounting
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com