Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG2409M2 Datasheet(PDF) 2 Page - California Eastern Labs

Part # CG2409M2
Description  High Power SPDT RF Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2409M2 Datasheet(HTML) 2 Page - California Eastern Labs

  CG2409M2 Datasheet HTML 1Page - California Eastern Labs CG2409M2 Datasheet HTML 2Page - California Eastern Labs CG2409M2 Datasheet HTML 3Page - California Eastern Labs CG2409M2 Datasheet HTML 4Page - California Eastern Labs CG2409M2 Datasheet HTML 5Page - California Eastern Labs CG2409M2 Datasheet HTML 6Page - California Eastern Labs CG2409M2 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CG2409M2
This document is subject to change without notice.
2
PRELIMINARY DATASHEET
PIN CONFIGURATION AND
INTERNAL BLOCK DIAGRAM
TRUTH TABLE
VC1
VC2
RFC-RF1
RFC-RF2
High
Low
ON
OFF
Low
High
OFF
ON
ABSOLUTE MAXIMUM RATINGS
(TA = +25 °C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Control Voltage
VC
6.0
Note 1
V
Input Power
Pin
+38.0
Note 2
dBm
Operating Ambient Temperature
TA
-45~+85
°C
Storage Temperature
Tstg
-55~+150
°C
Note
1. |VC1 - VC2|
≦6.0V
2. 3.0V
≦|VC1 – VC2|≦5.0V
RECOMMENDED OPERATING RANGE
(TA = +25 °C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Frequency
f
0.05
-
3.8
GHz
Switch Control Voltage (H)
VC(H)
+1.8
+3.0
+5.0
V
Switch Control Voltage (L)
VC(L)
-0.2
0
+0.2
V


Similar Part No. - CG2409M2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2409M2 CEL-CG2409M2 Datasheet
925Kb / 8P
   High Power SPDT RF Switch
CG2409M2 CEL-CG2409M2 Datasheet
938Kb / 9P
   High Power SPDT RF Switch
CG2409M2-C4 CEL-CG2409M2-C4 Datasheet
938Kb / 9P
   High Power SPDT RF Switch
CG2409M2-EVAL CEL-CG2409M2-EVAL Datasheet
925Kb / 8P
   High Power SPDT RF Switch
CG2409M2-EVAL CEL-CG2409M2-EVAL Datasheet
938Kb / 9P
   High Power SPDT RF Switch
More results

Similar Description - CG2409M2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2409M2 CEL-CG2409M2_16 Datasheet
925Kb / 8P
   High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3_16 Datasheet
886Kb / 8P
   High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3 Datasheet
881Kb / 7P
   High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3_17 Datasheet
913Kb / 10P
   High Power SPDT RF Switch
CG2409M2 CEL-CG2409M2_17 Datasheet
938Kb / 9P
   High Power SPDT RF Switch
logo
Peregrine Semiconductor...
PE4230 PEREGRINE-PE4230 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
logo
Infineon Technologies A...
BGS12PN10 INFINEON-BGS12PN10 Datasheet
2Mb / 17P
   SPDT high linearity, high power RF Switch
Revision 1.2 - 2016-07-07
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com