Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG2409X3 Datasheet(PDF) 1 Page - California Eastern Labs

Part # CG2409X3
Description  High Power SPDT RF Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2409X3 Datasheet(HTML) 1 Page - California Eastern Labs

  CG2409X3 Datasheet HTML 1Page - California Eastern Labs CG2409X3 Datasheet HTML 2Page - California Eastern Labs CG2409X3 Datasheet HTML 3Page - California Eastern Labs CG2409X3 Datasheet HTML 4Page - California Eastern Labs CG2409X3 Datasheet HTML 5Page - California Eastern Labs CG2409X3 Datasheet HTML 6Page - California Eastern Labs CG2409X3 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
This document is subject to change without notice.
Date Published: September 2016
CDS-0031-01 (Issue A)
DESCRIPTION
The CG2409X3 is a GaAs MMIC high power SPDT
(Single Pole Double Throw) switch which was
designed for WiMAX and Wireless LAN applications
FEATURES
Control Voltage:
VC(H) = 1.8 to 5.0 V (3.0V TYP.)
VC(L) = -0.2 to 0.2 V (0V TYP.)
Low Insertion Loss:
Lins1 = 0.45 dB TYP. @ f = 2.5 GHz
Lins2 = 0.55 dB TYP. @ f = 3.8 GHz
Lins3 = 0.60 dB TYP. @ f = 6.0 GHz
High Isolation:
ISL1 = 27 dB TYP. @ f = 2.5 GHz
ISL2 = 27 dB TYP. @ f = 3.8 GHz
ISL2 = 27 dB TYP. @ f = 6.0 GHz
Power Handling:
Pin(0.1dB) = +37.5 dBm TYP. @ f = 2.5 GHz,
VC(H) = 3.0 V, VC(L) = 0 V
ORDERING INFORMATION
PACKAGE
6-pin XSON Package
(1.5mm x 1.5mm x 0.37mm)
APPLICATIONS
WiMAX and wireless LAN
(IEEE802.11a/b/g/n/ac)
Part Number
Order Number
Package
Marking
Description
CG2409X3
CG2409X3-C2
6-pin plastic
TSON
(Pb-Free)
C0M
Embossed tape 8 mm wide
Pin 1, 6 face the perforation side
of the tape
MOQ 10 kpcs/reel
CG2409X3-EVAL
CG2409X3-EVAL
Evaluation Board with DC block
capacitors, power supply bypass
capacitors, and RF and DC
connectors
MOQ 1
RF SWITCH
CG2409X3
Enter a Short Document/Title Name Here
PRELIMINARY DATASHEET
High Power SPDT RF Switch


Similar Part No. - CG2409X3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2409X3 CEL-CG2409X3 Datasheet
886Kb / 8P
   High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3 Datasheet
913Kb / 10P
   High Power SPDT RF Switch
CG2409X3-C2 CEL-CG2409X3-C2 Datasheet
913Kb / 10P
   High Power SPDT RF Switch
CG2409X3-EVAL CEL-CG2409X3-EVAL Datasheet
886Kb / 8P
   High Power SPDT RF Switch
CG2409X3-EVAL CEL-CG2409X3-EVAL Datasheet
913Kb / 10P
   High Power SPDT RF Switch
More results

Similar Description - CG2409X3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2409M2 CEL-CG2409M2 Datasheet
921Kb / 7P
   High Power SPDT RF Switch
CG2409M2 CEL-CG2409M2_16 Datasheet
925Kb / 8P
   High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3_16 Datasheet
886Kb / 8P
   High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3_17 Datasheet
913Kb / 10P
   High Power SPDT RF Switch
CG2409M2 CEL-CG2409M2_17 Datasheet
938Kb / 9P
   High Power SPDT RF Switch
logo
Peregrine Semiconductor...
PE4230 PEREGRINE-PE4230 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
logo
Infineon Technologies A...
BGS12PN10 INFINEON-BGS12PN10 Datasheet
2Mb / 17P
   SPDT high linearity, high power RF Switch
Revision 1.2 - 2016-07-07
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com