Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0621008080 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0621008080
Description  Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0621008080 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0621008080 Datasheet HTML 1Page - Molex Electronics Ltd. 0621008080 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/17/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0760601016
Status:
Active
Overview:
Impact™ Backplane Connectors and Cable Assemblies
Description:
Impact™ 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided, 16
Columns, 240 Circuits, Plated Through Hole Dimension 0.46mm, Lead-Free
Documents:
3D Model
Application Specification AS-76060-9999-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70873-611 (PDF)
Product Specification PS-76060-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-76060-990-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
76060
Application
Conventional, Daughtercard
Application Tooling Documents
TM-622018799
Component Type
PCB Receptacle
Electrical Model
Yes
Overview
Impact™ Backplane Connectors and Cable Assemblies
Product Name
Impact™
UPC
883906421540
Physical
Circuits (Loaded)
240
Circuits (maximum)
240
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
27.343/g
Number of Columns
16
Number of Pairs
5
Number of Rows
15
Orientation
Right Angle
PC Tail Length
1.20mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.90mm
Pitch - Termination Interface
1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
76060 Series
Mates With
76055 Impact™ 100 Ohm Vertical
Backplane Header
Use With
76153 Pirate Cannon Wide Guide Module
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Daughter Card
Module Installation
0622018659


Similar Part No. - 0621008080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621008080 MOLEX11-0621008080 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0621008080 MOLEX11-0621008080 Datasheet
49Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Left Guided
0621008080 MOLEX11-0621008080 Datasheet
48Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Left Guided
0621008080 MOLEX11-0621008080 Datasheet
48Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Left Guided
0621008080 MOLEX11-0621008080 Datasheet
53Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
More results

Similar Description - 0621008080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760601020 MOLEX11-0760601020 Datasheet
43Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0760601016 MOLEX1-0760601016_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0760601026 MOLEX1-0760601026_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0760601022 MOLEX11-0760601022 Datasheet
56Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0760601012 MOLEX1-0760601012_17 Datasheet
40Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0760601010 MOLEX1-0760601010_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0760601010 MOLEX11-0760601010 Datasheet
43Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0760601014 MOLEX11-0760601014 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0760601014 MOLEX1-0760601014_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0760601024 MOLEX1-0760601024_17 Datasheet
48Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com