Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8551AL4-V-AX Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS8551AL4-V-AX
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8551AL4-V-AX Datasheet(HTML) 3 Page - California Eastern Labs

  PS8551AL4-V-AX Datasheet HTML 1Page - California Eastern Labs PS8551AL4-V-AX Datasheet HTML 2Page - California Eastern Labs PS8551AL4-V-AX Datasheet HTML 3Page - California Eastern Labs PS8551AL4-V-AX Datasheet HTML 4Page - California Eastern Labs PS8551AL4-V-AX Datasheet HTML 5Page - California Eastern Labs PS8551AL4-V-AX Datasheet HTML 6Page - California Eastern Labs PS8551AL4-V-AX Datasheet HTML 7Page - California Eastern Labs PS8551AL4-V-AX Datasheet HTML 8Page - California Eastern Labs PS8551AL4-V-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PS8551AL4
Chapter Title
R08DS0123EJ0100 Rev.1.00
Page 3 of 18
Jun 27, 2014
MARKING EXAMPLE
R
8551A
NT131
No. 1 pin
Mark
1 31
Year Assembled
(Last 1 Digit)
T
N
Rank Code
In-house Code
(T: Pb-Free)
Week Assembled
Assembly Lot
Type Number
Company Initial
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*
1
PS8551AL4
PS8551AL4-AX
Pb-Free
Magazine case 50 pcs
Standard products
PS8551AL4
PS8551AL4-E3
PS8551AL4-E3-AX
(Ni/Pd/Au)
Embossed Tape 1 000
pcs/reel
(UL, CSA, SEMKO
approved)
PS8551AL4-V
PS8551AL4-V-AX
Magazine case 50 pcs
UL, CSA, SEMKO,
PS8551AL4-V-E3
PS8551AL4-V-E3-AX
Embossed Tape 1 000
pcs/reel
DIN EN60747-5-2
(VDE0884-5)
Approved
*1 For the application of the Safety Standard, following part number should be used.


Similar Part No. - PS8551AL4-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8551AL4-V-E3 RENESAS-PS8551AL4-V-E3 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results

Similar Description - PS8551AL4-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
   HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
   Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com