Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9531L2-V-E3 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9531L2-V-E3
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9531L2-V-E3 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9531L2-V-E3 Datasheet HTML 1Page - California Eastern Labs PS9531L2-V-E3 Datasheet HTML 2Page - California Eastern Labs PS9531L2-V-E3 Datasheet HTML 3Page - California Eastern Labs PS9531L2-V-E3 Datasheet HTML 4Page - California Eastern Labs PS9531L2-V-E3 Datasheet HTML 5Page - California Eastern Labs PS9531L2-V-E3 Datasheet HTML 6Page - California Eastern Labs PS9531L2-V-E3 Datasheet HTML 7Page - California Eastern Labs PS9531L2-V-E3 Datasheet HTML 8Page - California Eastern Labs PS9531L2-V-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
0
2
f
o
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
4
1
1
0
S
D
8
0
R
Nov 29, 2013
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary
Data Sheet
PS9531, PS9531L1,
PS9531L2, PS9531L3
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,
8-PIN DIP PHOTOCOUPLER
DESCRIPTION
The PS9531, PS9531L1, PS9531L2 and PS9531L3 are optically coupled isolators containing a GaAlAs LED on the
input side and a photo diode, a signal processing circuit and a power output transistor on the output side on one chip.
The PS9531 Series is designed specifically for high common mode transient immunity (CMR), high output current
and high switching speed.
The PS9531 Series is suitable for driving IGBTs and MOS FETs.
The PS9531 Series is in a plastic DIP (Dual In-line Package).
The PS9531L1 is lead bending type for long creepage distance.
The PS9531L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
The PS9531L3 is lead bending type (Gull-wing) for surface mounting.
FEATURES
Long creepage distance (8 mm MIN.: PS9531L1, PS9531L2)
Large peak output current (2.5 A MAX., 2.0 A MIN.)
High speed switching (tPLH, tPHL = 175 ns MAX.)
UVLO (Under Voltage Lock Out) protection with hysteresis
High common mode transient immunity (CMH, CML = ±50 kV/μs MIN.)
Embossed tape product : PS9531L2-E3: 1 000 pcs/reel
: PS9531L3-E3: 1 000 pcs/reel
Pb-Free product
Safety standards
UL approved: No. E72422
CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
SEMKO approved (EN 60065, EN 60950)
DIN EN 60747-5-5 (VDE 0884-5) approved (Option)
APPLICATIONS
• IGBT, Power MOS FET Gate Driver
• Industrial inverter
• IH (Induction Heating)
R08DS0114EJ0100
Rev.1.00
Nov 29, 2013
PIN CONNECTION
(Top View)
1. NC
2. Anode
3. Cathode
4. NC
5. VEE
6. VO
7. NC
8. VCC
1 2 3 4
876 5
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9531L2-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9531L2-V-E3 RENESAS-PS9531L2-V-E3 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9531L2-V-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 RENESAS-PS9505_15 Datasheet
306Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com