Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3993CDV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI3993CDV
Description  Dual P-Channel 30 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3993CDV Datasheet(HTML) 3 Page - Vishay Siliconix

  SI3993CDV Datasheet HTML 1Page - Vishay Siliconix SI3993CDV Datasheet HTML 2Page - Vishay Siliconix SI3993CDV Datasheet HTML 3Page - Vishay Siliconix SI3993CDV Datasheet HTML 4Page - Vishay Siliconix SI3993CDV Datasheet HTML 5Page - Vishay Siliconix SI3993CDV Datasheet HTML 6Page - Vishay Siliconix SI3993CDV Datasheet HTML 7Page - Vishay Siliconix SI3993CDV Datasheet HTML 8Page - Vishay Siliconix SI3993CDV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 67331
S11-0240-Rev. A, 14-Feb-11
www.vishay.com
3
Vishay Siliconix
Si3993CDV
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
2
4
6
8
00.5
11.5
2
V
DS - Drain-to-Source Voltage (V)
V
thru 6 V
GS = 10 V
V
GS = 3 V
V
GS = 4 V
V
GS = 5 V
0.04
0.08
0.12
0.16
0.20
02468
I
D -Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
01.5
34.5
6
Q
g - Total Gate Charge (nC)
V
DS = 24 V
V
DS = 15 V
V
DS = 8 V
I
D = 2.6 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
0.5
1
1.5
2
01234
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
100
200
300
400
010
20
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
255075
100
125
150
T
J - Junction Temperature (°C)
I
D = 2.5 A
V
GS = 10 V
V
GS = 4.5 V


Similar Part No. - SI3993CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3993CDV VISHAY-SI3993CDV Datasheet
264Kb / 11P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI3993CDV-T1-GE3 VISHAY-SI3993CDV-T1-GE3 Datasheet
264Kb / 11P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3993CDV-T1-GE3 VBSEMI-SI3993CDV-T1-GE3 Datasheet
528Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI3993CDV VISHAY-SI3993CDV_V01 Datasheet
264Kb / 11P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3993CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com