Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIA527DJ Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIA527DJ
Description  N- and P-Channel 12-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA527DJ Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIA527DJ Datasheet HTML 6Page - Vishay Siliconix SIA527DJ Datasheet HTML 7Page - Vishay Siliconix SIA527DJ Datasheet HTML 8Page - Vishay Siliconix SIA527DJ Datasheet HTML 9Page - Vishay Siliconix SIA527DJ Datasheet HTML 10Page - Vishay Siliconix SIA527DJ Datasheet HTML 11Page - Vishay Siliconix SIA527DJ Datasheet HTML 12Page - Vishay Siliconix SIA527DJ Datasheet HTML 13Page - Vishay Siliconix SIA527DJ Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Document Number: 64162
S13-1669-Rev. A, 29-Jul-13
www.vishay.com
11
Vishay Siliconix
SiA527DJ
Document Number: 64162
S13-1669-Rev. A, 29-Jul-13
www.vishay.com
11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact:: pmostechsupport@vishay.com
P-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?64162.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10
-4
10
-3
10
-2
10
-1
1
10
100
1000
1
0.1
0.01
Square Wave Pulse Duration (s)
Notes:
1. Duty Cycle, D =
2. Per Unit Base = R
thJA = 110 °C/W
3. T
JM - TA = PDMZthJA
(t)
t
1
t
2
4. Surface Mounted
t
1
P
DM
t
2
Duty Cycle = 0.5
Single Pulse
0.2
0.05
0.1
0.02
Normalized Thermal Transient Impedance, Junction-to-Case
10
-4
10
-3
10
-2
10
-1
1
0.01
Square Wave Pulse Duration (s)
Single Pulse
0.05
0.02
Duty Cycle = 0.5
0.2
0.1


Similar Part No. - SIA527DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIA527DJ TFUNK-SIA527DJ Datasheet
329Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA527DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
   N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
   N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com