Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIA913ADJ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIA913ADJ
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA913ADJ Datasheet(HTML) 5 Page - Vishay Siliconix

  SIA913ADJ Datasheet HTML 1Page - Vishay Siliconix SIA913ADJ Datasheet HTML 2Page - Vishay Siliconix SIA913ADJ Datasheet HTML 3Page - Vishay Siliconix SIA913ADJ Datasheet HTML 4Page - Vishay Siliconix SIA913ADJ Datasheet HTML 5Page - Vishay Siliconix SIA913ADJ Datasheet HTML 6Page - Vishay Siliconix SIA913ADJ Datasheet HTML 7Page - Vishay Siliconix SIA913ADJ Datasheet HTML 8Page - Vishay Siliconix SIA913ADJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 64723
S09-0141-Rev. A, 02-Feb-09
www.vishay.com
5
Vishay Siliconix
SiA913ADJ
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
4
6
8
10
12
0
25
50
75
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating
0
2
4
6
8
25
50
75
100
125
150
TC - Case Temperature (°C)


Similar Part No. - SIA913ADJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA913ADJ VISHAY-SIA913ADJ Datasheet
807Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA913ADJ VISHAY-SIA913ADJ_V01 Datasheet
807Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA913ADJ

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com