Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR1004SN0808 Datasheet(PDF) 4 Page - American Microsemiconductor

Part # DCR1004SN0808
Description  High Power Button Capsule Thyristor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

DCR1004SN0808 Datasheet(HTML) 4 Page - American Microsemiconductor

  DCR1004SN0808 Datasheet HTML 1Page - American Microsemiconductor DCR1004SN0808 Datasheet HTML 2Page - American Microsemiconductor DCR1004SN0808 Datasheet HTML 3Page - American Microsemiconductor DCR1004SN0808 Datasheet HTML 4Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel.1-973-377-9566Fax.1-973-377-3078
133KingsRoad
Madison,NewJersey07940
UnitedStatesofAmerica
www.americanmicrosemi.com
DEKRACertificationInc.
AS9100CandISO9001:2008
CertificateNo.131519.01
©2016AmericanMicrosemiconductor,Inc.
Specificationsaresubjecttochangewithoutnotice
DocumentPage4of4
Revised05/2016
DCR1003Series
DCR1004Series
IT(AV)=1540A
VRRM=1700V


Similar Part No. - DCR1004SN0808

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
DCR1004SN0101 AMMSEMI-DCR1004SN0101 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1004SN0202 AMMSEMI-DCR1004SN0202 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1004SN0303 AMMSEMI-DCR1004SN0303 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1004SN0404 AMMSEMI-DCR1004SN0404 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1004SN0505 AMMSEMI-DCR1004SN0505 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
More results

Similar Description - DCR1004SN0808

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
DCR1003SN1414 AMMSEMI-DCR1003SN1414 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1004SN0101 AMMSEMI-DCR1004SN0101 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1004SN1616 AMMSEMI-DCR1004SN1616 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1004SN1717 AMMSEMI-DCR1004SN1717 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1004SN1818 AMMSEMI-DCR1004SN1818 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1003SN0101 AMMSEMI-DCR1003SN0101 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1003SN0202 AMMSEMI-DCR1003SN0202 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1003SN1515 AMMSEMI-DCR1003SN1515 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1003SN0909 AMMSEMI-DCR1003SN0909 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1003SN1616 AMMSEMI-DCR1003SN1616 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
DCR1004SN0202 AMMSEMI-DCR1004SN0202 Datasheet
2Mb / 4P
   High Power Button Capsule Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com