Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM812MERC Datasheet(PDF) 3 Page - Microchip Technology

Part # TCM812MERC
Description  4-Pin Microcontroller Reset Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM812MERC Datasheet(HTML) 3 Page - Microchip Technology

  TCM812MERC Datasheet HTML 1Page - Microchip Technology TCM812MERC Datasheet HTML 2Page - Microchip Technology TCM812MERC Datasheet HTML 3Page - Microchip Technology TCM812MERC Datasheet HTML 4Page - Microchip Technology TCM812MERC Datasheet HTML 5Page - Microchip Technology TCM812MERC Datasheet HTML 6Page - Microchip Technology TCM812MERC Datasheet HTML 7Page - Microchip Technology TCM812MERC Datasheet HTML 8Page - Microchip Technology TCM812MERC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2002 Microchip Technology Inc.
DS21615B-page 3
TCM811/TCM812
MR Input Threshold
VIH
VIL
2.3
0.8
VV
DD > V
TH(MAX),
TCM81_L/M
VIH
VIL
0.7 V
DD
0.25 V
DD
VV
DD > V
TH(MAX),
TCM81_R/S/T/F
MR Pull-up Resistance
10
20
40
k
RESET Output Voltage Low
(TCM811)
VOL
0.3
V
TCM811R/S/T only;
I
SINK = 1.2 mA, VDD = VTH
(MIN)
0.4
V
TCM811F only;
I
SINK = 500 µA, VDD = VTH
(MIN)
0.3
V
TCM811L/M only;
I
SINK = 3.2 mA, VDD = VTH
(MIN)
I
SINK = 3.2 mA, VDD = VTH
(MIN)
RESET Output Voltage High
(TCM811)
VOH
0.8 V
DD
V
TCM811R/S/T/F only;
I
SOURCE = 500 µA, VDD > VTH
(MAX)
V
DD - 1.5
V
TCM811L/M only;
I
SOURCE = 800 µA, VDD > VTH
(MAX)
RESET Output Voltage Low
(TCM812)
VOL
0.2
V
TCM812F only, I
SINK = 500 µA,
V
DD = V
TH(MAX)
0.3
TCM812R/S/T only, I
SINK = 1.2 mA,
V
DD = V
TH(MAX)
0.4
TCM812L/M only, I
SINK = 1.2 mA,
V
DD = V
TH(MAX)
RESET Output Voltage High
(TCM812)
VOH
0.8 V
DD
——
V
I
SOURCE = 150 µA, VDD ≤ V
TH(MIN)
V
DD = 5V for L/M versions, VDD = 3.3V for T/S versions, VDD = 3V for R version, VDD = 2.0V for F version.
TA = –40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. (Note 1)
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Production testing done at TA = +25°C and +85°C, over temperature limits are tested with periodic QA tests
in production.


Similar Part No. - TCM812MERC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM812 MICROCHIP-TCM812 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
More results

Similar Description - TCM812MERC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
   4-Pin Reset Monitors
2007
TC1270 MICROCHIP-TC1270 Datasheet
467Kb / 12P
   4-Pin 關P Reset Monitors
2002
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com