Electronic Components Datasheet Search |
|
T55A476M004C0180 Datasheet(PDF) 11 Page - Vishay Siliconix |
|
T55A476M004C0180 Datasheet(HTML) 11 Page - Vishay Siliconix |
11 / 22 page T55 www.vishay.com Vishay Polytech Revision: 02-Nov-16 11 Document Number: 40174 For technical questions, contact: polytech@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes • Test conditions per JIS C5101-1 (1) Test time, please refer to table “Standard Ratings” POWER DISSIPATION CASE CODE MAXIMUM PERMISSIBLE POWER DISSIPATION (W) AT ≤ +45 °C IN FREE AIR J 0.050 P 0.064 A 0.115 T 0.105 B 0.130 V 0.187 D 0.225 STANDARD PACKAGING QUANTITY CASE CODE UNITS PER 7" REEL J 4000 P 3000 A 2000 T 3000 B 2000 V 800 D 500 PERFORMANCE CHARACTERISTICS ITEM CONDITION POST TEST PERFORMANCE Temperature characteristics Measure the specified characteristics in each stage Specified initial value -55 °C +105 °C Capacitance change - -20 % to 0 % 0 % to 30 % Dissipation factor shown in Standard Ratings table or less 8 to 10 14 - Leakage current Refer to Standard Ratings table - Not more than 1 CV or 30 μA which is greater Surge voltage 105 °C, 1000 successive test cycles in series with a 1 k Ω resistor at the rate of 30 s ON, 30 s OFF; test voltage per table below: Capacitance change Within ± 20 % of initial value Rated voltage 2.5 4.0 6.3 7.0 10 12.5 16 20 25 35 50 Dissipation factor Within initial limit Surge voltage 3.2 5.2 8.2 9.0 13 16.2 20 23 29 40 57 Leakage current Shall not exceed 300 % of initial limit Solder heat resistance Reflow board surface peak temperature: less than 260 °C Time: 5 s max. Capacitance change Within ± 20 % of initial value Dissipation factor Initial specified value or less Leakage current Shall not exceed 300 % of initial specified value Moisture resistance no load Leave at 60 °C and 90 % RH for 500 h Capacitance change VR ≤ 4 V Relative to the value before test +50 % to -20 % VR ≥ 6.3 V Relative to the value before test +40 % to -20 % Dissipation factor Initial specified value or less Leakage current Shall not exceed 300 % of initial specified value High temperature load 105 °C. The rated voltage is applied through a protective resistor of 3 Ω for 1000 h or 2000 h (1) Capacitance change Within ± 20 % of initial value Dissipation factor Initial specified value or less Leakage current Shall not exceed 300 % of initial specified value Thermal shock Leave at -55 °C, normal temperature, 105 °C, and normal temperature for 30 min., 15 min. 30 min., and 15 min. Repeat this operation 5 times running. Capacitance change Within ± 20 % of initial value or less Dissipation factor Initial specified value or less Leakage current Shall not exceed 300 % of initial specified value Failure rate 105 °C. The rated voltage is applied through a protective resistor of 1 Ω/V. 1 % / 1000 h |
Similar Part No. - T55A476M004C0180 |
|
Similar Description - T55A476M004C0180 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |